Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSTK503 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATSTK503
Description  STK503 User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATSTK503 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATSTK503 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATSTK503 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
STK503 User Guide
Introduction
STK503 is a top module to the STK500 development board from Atmel
Corporation. It adds support for 100-pin AVR microcontrollers (ATmega2560,
ATmega1280 and ATmega640).
STK503 includes connectors and hardware allowing full utilization of the features
of these devices, while the Zero Insertion Force (ZIF) socket makes it easy to
use TQFP packages for prototyping.
This user guide is a general getting started guide as well as a complete technical
reference for advanced users.
Figure 1-1 The STK503 starter kit
Features
•
Supports the ATmega2560, ATmega1280 and ATmega640.
•
Zero Insertion Force (ZIF) socket for 100-pin TQFP packages
•
Supports High Voltage Parallel Programming through STK500
•
Supports Serial programming through STK500
•
Port connectors for port E, F G, H, J, K and L
•
On-board RS-232 converter covering the whole operation range from 1.8
to 5.5V
•
Footprint for user-mountable SRAM chip
•
On-board address latch for easy connection to memory and peripherals
•
JTAG Connector for on-chip debugging using JTAGICE mkII
•
On-board 32 kHz crystal for easy Real Time Clock implementations
•
Supported by AVR Studio 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com