Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALED68X51-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EALED68X51-R
Description  DOGL GRAPHIC SERIES 128x64 DOTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED68X51-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EALED68X51-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DOG
L GRAPHIC SERIES
128x64 DOTS
2.2012
Zeppelinstraße 19 · D-82205 Gilching · Phone +49-(0)8105-778090 · Fax: +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
EA DOG
L128B-6 +
EA LED68x51-W
EA DOG
L128W-6 +
EA LED68x51-A
EA DOG
L128W-6 +
EA LED68x51-W
TECHNICAL DATA
* HIGH-CONTRAST LCD SUPERTWIST DISPLAY (STN AND FSTN) WITH 15µm DOT GAP
* OPTIONAL LED BACKLIGHTS IN VARIOUS COLORS
* 128x64 PIXELS (CORRESPONDS TO 8x21 CHARACTERS OR 4x16 LARGE CHARACTERS)
* ST 7565R CONTROLLER WITH SPI (4-WIRE) INTERFACE
* POWER SUPPLY: SINGLE SUPPLY 3.0V TO 3.3V (TYPICALLY 320µA)
* NO ADDITIONAL VOLTAGES REQUIRED
* OPERATING TEMPERATURE RANGE -20°C TO +70°C (STORAGE -30°C TO +80°C)
* LED BACKLIGHTING 5mA TO 90mA
* NO MOUNTING REQUIRED: SIMPLY SOLDER ONTO PCB
ORDERING CODE
GRAPHICS DISPLAY, 128x64, 68x51mm
EA DOG
L128x-6
x: W = white background (FSTN pos. transflective)
E = yellow/green background (STN pos. transmissive)
B = blue background (STN neg. transmissive)
S = black background (FSTN neg. transmissive)
L = yellow/green background (STN pos. reflective, cannot be backlit)
LED BACKLIGHT, WHITE
EA LED68X51-W
LED BACKLIGHT, YELLOW/GREEN
EA LED68X51-G
LED BACKLIGHT, BLUE
EA LED68X51-B
LED BACKLIGHT, RED
EA LED68X51-R
LED BACKLIGHT, AMBER
EA LED68X51-A
LED BACKLIGHT, GREEN
EA LED68X51-E
LED BACKLIGHT, FULL COLOR RGB
EA LED68X51-RGB
ACCESSORIES
USB TEST BOARD FOR PC (WINDOWS 2000, XP, VISTA)
EA 9780-2USB
TOUCH PANEL, 4-WIRE, ANALOG, STICK-ON
EA TOUCH128-2
ZIF CONNECTOR FOR TOUCH PANEL, BOTTOM CONTACT
EA WF100-04S
SOCKET CONNECTOR 4.8 mm HEIGHT (2 PCS. REQUIRED)
EA FL-20P
CHARACTER SETS PLUS FONTEDITOR
EA USBSTICK-FONT
also available
in low
quantities
!
flat: 6.5mm
with LED
B/L mounted


Similar Part No. - EALED68X51-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EALED39X41-A ETC2-EALED39X41-A Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
EALED39X41-GR ETC2-EALED39X41-GR Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
logo
Texas Instruments
EALED39X41-W TI1-EALED39X41-W Datasheet
7Mb / 36P
MSP-EXP430F5529 Experimenter Board
logo
List of Unclassifed Man...
EALED39X41-W ETC2-EALED39X41-W Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
EALED55X31-A ETC2-EALED55X31-A Datasheet
1Mb / 9P
DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
More results

Similar Description - EALED68X51-R

ManufacturerPart #DatasheetDescription
logo
ShenZhen Jing Handa Ele...
JHD529-12864F JHD-JHD529-12864F Datasheet
278Kb / 1P
128X64 DOTS
JHD521-12864AB JHD-JHD521-12864AB Datasheet
251Kb / 1P
128X64 DOTS
JHD12864C JHD-JHD12864C Datasheet
241Kb / 1P
128X64 DOTS
JHD622-12864E JHD-JHD622-12864E Datasheet
245Kb / 1P
128X64 DOTS
JHD12864G JHD-JHD12864G Datasheet
264Kb / 1P
128X64 DOTS
JHD554-12864J JHD-JHD554-12864J Datasheet
263Kb / 1P
128X64 DOTS
JHD718-12864H JHD-JHD718-12864H Datasheet
251Kb / 1P
128X64 DOTS
JHD613-12864 JHD-JHD613-12864 Datasheet
245Kb / 1P
128X64 DOTS
logo
LUMEX INC.
LCM-X12864GXX LUMEX-LCM-X12864GXX Datasheet
127Kb / 2P
128x64 DOT MATRIX GRAPHIC MODULE
logo
List of Unclassifed Man...
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
DOGM GRAPHIC SERIES 128x64 DOTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com