Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALED68X51-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EALED68X51-R
Description  DOGL GRAPHIC SERIES 128x64 DOTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED68X51-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EALED68X51-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EADOG
L128-6
Page 7
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
12:00 VIEWING ANGLE,TOP VIEW OPTION
If the display is read mostly from above (on the front of a laboratory power supply
unit, for example), the preferred angle of viewing can be set to 12 o’clock. This
rotaties the display by 180°. A slightly different initialization
setup is required for this. Also keep in mind that the leftmost
column (normally numbered as 0) will now change to 4.
Initialisation example top view
Command
A0
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Re mark
(8) ADC set
0
1
0
1
0
0
0
0
0
$A0 ADC normal
(15) Common output mode select
0
1
1
0
0
1
0
0
0
$C8 Reverse COM63~COM0
TOUCH PANEL EA TOUCH128-2 (OPTIONAL)
An analog touch panel is available as an accessory. It has a self-adhesive material on its rear surface and is
simply stuck onto the display. The connection is made by means of a 4-pin flexible cable for a ZIF connector
(e.g. EA WF100-04S) with a grid of 1.0 mm. Bending radius is
defined with min. 5mm. For optimum readability we recommend
that you use a backlight with the display.
Interfacing to a processor
can be either done by an
external
touch
panel
controller
or
with
a
controller that is featured
with analogue input. The
touch panel is similar to a
potentiometer: connecting
a voltage of e.g. 3.3V to the
pins Top-Bottom makes it
possible to read out a
voltage on pin Left or Right
which is linear to the Y-
coordinate of the pressed
point. The X-coordinate will
result when the voltage will
be supplied to Left-Right and measurement is done at Top or Bottom.
The pinout of the connecting cable is shown in the drawing.
USB-TEST BOARD EA 9780-2USB
For easy startup, a USB test board is available that can be connected to a PC. A USB cable and Windows
software is supplied with the product. This allows text and images (BMP) to
displayed directly on the connected display. You will find more information
on the test board in the EA 9780-2USB data sheet.
SIMULATION WITH WINDOWS
A simulator window also displays the contents of the display. The software
can simulate all the displays and colors even without the hardware. You can
download the software free from our website:
http://www.lcd-module.de/deu/disk/startdog.zip
Specification
Specification
min
max
Unit
Top-Bottom
100
400
Ω
Left-Right
110
410
Ω
Voltage
3
12
V
Current
5
25
mA
Linearity
1,5
%
Force
45
65
g
Contact
Bounce
5
10
ms
Op.
Temperatur
-20
+60
°C
Stor.
Temperatur
-20
+70
°C
Transmission
75
85
%
Life Time
10000
Cycles
Orientation for 12 o’clock
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com