Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALED68X51-R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EALED68X51-R
Description  DOGL GRAPHIC SERIES 128x64 DOTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED68X51-R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  EALED68X51-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED68X51-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EADOG
L128-6
Page 8
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Zeppelinstraße 19
· D-82205 Gilching · Phone +49-(0)8105-778090 · Fax: +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
DIMENSIONS EA DOG
L128
Note:
The 6(4) LED pins A1 to A3
and C1 to C3 also have to be
soldered from above to ensure
good contact.
Note:
- LC displays are generally not suited for wave or reflow
soldering. Temperatures of over 80°C can cause
lasting damage.
- The surfaces of the displays and backlights are
protected from scratching by self-adhesive protective
foils. Please remove these before mounting.
- Make sure that either display nor backlight will never
come into contact with any kind of liquid like Fluxer,
Cleaner, Water.
DIMENSIONS EA LED68X51
ATTENTION
handling precautions!
all dimensions are in mm
all dimensions are in mm
ATTENTION
handling precautions!
Pin Symbol Level Function
Pin
Symbol Level Function
1
NC
(A1+: LED backlight)
21
V0
-
LC Drive
2
NC
(A2+: LED backlight)
22
V1
-
LC Drive
3
NC
(A3+: LED backlight)
23
V2
-
LC Drive
4
24
V3
-
LC Drive
5
25
V4
-
LC Drive
6
26
VSS
L
Power Supply 0V (GND)
7
27
CAP2N
-
Voltage Converter
8
28
CAP2P
-
Voltage Converter
9
29
CAP1P
-
Voltage Converter
10
30
CAP1N
-
Voltage Converter
11
31
CAP3P
-
Voltage Converter
12
32
VOUT
-
Voltage Output about
+12V
13
33
VSS
L
Power Supply 0V (GND)
14
34
VDD2
H
Power Supply Booster
15
35
VDD
H
Power Supply +1.8..3,3V
16
36
SI
H / L
Serial Data In
17
37
SCL
H / L
Serial Clock
18
NC
(C1-: LED backlight)
38
A0
H / L
L= Command, H= Data
19
NC
(C2-: LED backlight)
39
RST
L
Reset (active low)
20
NC
(C3-: LED backlight)
40
CS1B
L
Chip Select (active low)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com