Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAEVALEDIP320B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP320B
Description  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP320B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP320B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 10Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
EA9777-3
Page 7
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
USB-INTERFACE
The Evaluation board is connected to a free USB-port of your PC using the supplied USB-cable. The
USB-Interface is located at the upper left corner of the Evalation
board.
If you connect the USB-cable, the LED “USB-Power“ (green) is
on. If the driver for Windows is installed correctly the LED “USB
driver“ is also lit.
The scope of delivery includes a CD on which you can find the
drivers for the board under “d:\Driver\. These drivers are
designed for Windows 2000, XP, Vista, 7. To install the drivers
please follow the instructions of your operating system.
FUNCTION OF PUSHBUTTONS
- “Resetbutton“: As long as you push this button the
EA eDIP is in Reset mode (RESET to GND). After
release of button PowerOnMacro is run.
- “Input 1-8“: These 8 buttons are directly connected
to the inputs of the EA eDIPTFTs. If you push a
button the corresponding input is
grounded. Please refer to the
schematic on the last page of this
datasheet.
(EXTERNAL) POWERSUPPLY
The EVAL-board has a 2.1 mm power socket for
external supply. The supply range is between 12V to
28VAC.
External supply is optional if you are using the starterkit
EA EVLAeDIP320, i.e. normally power over USB is
used.
Both of the starterkits of EA eDIPTFT-series need
external supply, an AC-adapter is included with your
delivery.
The supply source is selcted by a solder bridge, which
is preset correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com