Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAEVALEDIP320B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP320B
Description  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP320B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EAEVALEDIP320B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
EVALUATION-BOARD
for eDIP-series
Issue 2012-09-04
Zeppelinstr. 19 · D-82205 Gilching · Phone +49-(0)8105-77 8090 · Fax +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
TECHNICAL DATA
* EVALUATION BOARD DESIGNED FOR SHORTEST DEVELOPMENT TIME
* USB-INTERFACE TO CONNECT DIRECTLY YOUR PC; NO EXTRA SUPPLY NEEDED
* BUTTONS, LEDS AND POTENTIOMETERS TO INTERFACE IN- AND OUTPUTS OF THE
DISPLAYS
* LEDS TO SHOW DATA TRAFFIC
* WIDE VOLTAGE RANGE +3.3V..+5V
* INCL. USB-CABLE
* BEEPER AS FEEDBACK FOR TOUCH
* OPTIONAL ADAPTER BOARD EA 9777-2PE EXPANDS TO ALL INTERFACES:
* “REAL’’ RS-232
* “MICROCONTROLLER“ RS-232 (CMOS-LEVEL)
* RS485
* SPI (CMOS-LEVEL)
* I²C (CMOS-LEVEL)
ORDERING CODES
STARTERKITS
INCLUDES: Display incl. Touch + EA 9777-3USB + EA9777-2PE + CD + USB-Cable
* EA eDIP320B-8LWTP (320x240 dots, blue/white negative)
EA EVALeDIP320B
* EA eDIP320J-8LWTP (320x240 dots, black/white positive)
EA EVALeDIP320J
INCLUDES: Display incl. Touch + EA 9777-3USB + EA9777-2PE + AC adapter + CD + USB-Cable
* EA eDIPTFT70-ATP (800x480 dots, 16-Bit color)
EA EVALeDIPTFT70
SPARE PARTS
EVALUATION BOARD FOR USB (WIN2000/XP/VISTA/7 32+64 bit)
EA 9777-3USB
PORT-EXPANSION (RS-232, I2C, SPI, RS485) FOR EA 9777-2USB
EA 9777-2PE
PERFECT
DEVELOPMENT
TOOL!


Similar Part No. - EAEVALEDIP320B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEVALEDIP128B ETC2-EAEVALEDIP128B Datasheet
2Mb / 17P
EVALUATION-BOARD for eDIP-series
EAEVALEDIP128B ETC2-EAEVALEDIP128B Datasheet
1Mb / 29P
OPERATING UNIT 128x64 with touch panel
EAEVALEDIP128B ETC2-EAEVALEDIP128B Datasheet
1Mb / 29P
OPERATING UNIT 160x104 with touch panel
EAEVALEDIP128W ETC2-EAEVALEDIP128W Datasheet
2Mb / 17P
EVALUATION-BOARD for eDIP-series
EAEVALEDIP128W ETC2-EAEVALEDIP128W Datasheet
1Mb / 29P
OPERATING UNIT 128x64 with touch panel
More results

Similar Description - EAEVALEDIP320B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
List of Unclassifed Man...
EA9777-2USB ETC2-EA9777-2USB Datasheet
2Mb / 17P
EVALUATION-BOARD for eDIP-series
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com