Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAEVALEDIP320B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP320B
Description  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP320B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP320B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 10Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 11Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 12Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
EA9777-3
Page 9
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
DIP-Switch setting: I²C (EA 9777-2PE)
The DIP-Switch settings can be found in
the table depending on the desired mode.
The first three switches change the base
adress, the last three the slave adress of
the eDIP.
For further information on the interface
and data transfer please refer to the
respective data sheet of the eDIP.
I2C
Pin connector EA 9777-3USB
Pin
9777-2
Symbol
Function
Pin
eDIP
1
GND
Ground potential for logic (0V)
1
2
VDD
Power supply for logic (3.3V ... 5V)
2
3
SDA
Serial data line
14
4
SCL
Serial clock line
15
5
SBUF
data in sendbuffer (low)
20
*1)
*1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com