Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553MLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS553MLF
Description  nLOW SKEW 1 TO 4 CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS553MLF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS553MLF Datasheet HTML 1Page - Integrated Device Technology ICS553MLF Datasheet HTML 2Page - Integrated Device Technology ICS553MLF Datasheet HTML 3Page - Integrated Device Technology ICS553MLF Datasheet HTML 4Page - Integrated Device Technology ICS553MLF Datasheet HTML 5Page - Integrated Device Technology ICS553MLF Datasheet HTML 6Page - Integrated Device Technology ICS553MLF Datasheet HTML 7Page - Integrated Device Technology ICS553MLF Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS553
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT® LOW SKEW 1 TO 4 CLOCK BUFFER
2
ICS553
REV N 051310
Pin Assignment
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of
0.01 µF should be connected between VDD on pin 1 and GND on pin 4, as close to the device as possible.
A 33
Ω series terminating resistor may be used on each clock output if the trace is longer than 1 inch.
To achieve the low output skew that the ICS553 is capable of, careful attention must be paid to board
layout. Essentially, all four outputs must have identical terminations, identical loads and identical trace
geometries. If they do not, the output skew will be degraded. For example, using a 30
Ω series termination
on one output (with 33
Ω on the others) will cause at least 15 ps of skew.
1
2
3
VD D
4
Q0
Q1
Q3
GN D
Q2
IC L K
8
7
6
5
OE
8- p i n S O I C
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
VDD
Power
Connect to +2.5 V, +3.3 V or +5.0 V.
2
Q0
Output
Clock output 0.
3
Q1
Output
Clock output 1.
4
GND
Power
Connect to ground.
5
ICLK
Input
Clock input, 5 V tolerant input.
6
Q2
Output
Clock Output 2.
7
Q3
Output
Clock Output 3.
8
OE
Input
Output Enable. Tri-states outputs when low. Connect to VDD for normal operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com