Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553MLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS553MLF
Description  nLOW SKEW 1 TO 4 CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS553MLF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS553MLF Datasheet HTML 1Page - Integrated Device Technology ICS553MLF Datasheet HTML 2Page - Integrated Device Technology ICS553MLF Datasheet HTML 3Page - Integrated Device Technology ICS553MLF Datasheet HTML 4Page - Integrated Device Technology ICS553MLF Datasheet HTML 5Page - Integrated Device Technology ICS553MLF Datasheet HTML 6Page - Integrated Device Technology ICS553MLF Datasheet HTML 7Page - Integrated Device Technology ICS553MLF Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553
IDT® LOW SKEW 1 TO 4 CLOCK BUFFER
1
ICS553
REV N 051310
Description
The ICS553 is a low skew, single input to four output,
clock buffer. Part of IDT’s ClockBlocksTM family, this is
our lowest skew, small clock buffer.
See the ICS552-02 for a 1 to 8 low skew buffer. For
more than eight outputs, see the MK74CBxxx
BuffaloTM series of clock drivers.
IDT makes many non-PLL and PLL based low skew
output devices as well as Zero Delay Buffers to
synchronize clocks. Contact us for all of your clocking
needs.
Features
Extremely low skew outputs (50 ps maximum)
Packaged in 8-pin SOIC
Pb (lead) free package
Low power CMOS technology
Operating voltages of 2.5 V to 5 V
Output Enable pin tri-states outputs
5 V tolerant input clock
Commercial (0 to +70°C) and Industrial (-40 to
+85°C) temperature ranges available
Block Diagram
Q0
ICLK
Q1
Q2
Q3
Output Enable


Similar Part No. - ICS553MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553M ICST-ICS553M Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
ICS553MILF ICST-ICS553MILF Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
ICS553MILFT ICST-ICS553MILFT Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
ICS553MIT ICST-ICS553MIT Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
More results

Similar Description - ICS553MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com