Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553MLF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS553MLF
Description  nLOW SKEW 1 TO 4 CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS553MLF Datasheet(HTML) 6 Page - Integrated Device Technology

  ICS553MLF Datasheet HTML 1Page - Integrated Device Technology ICS553MLF Datasheet HTML 2Page - Integrated Device Technology ICS553MLF Datasheet HTML 3Page - Integrated Device Technology ICS553MLF Datasheet HTML 4Page - Integrated Device Technology ICS553MLF Datasheet HTML 5Page - Integrated Device Technology ICS553MLF Datasheet HTML 6Page - Integrated Device Technology ICS553MLF Datasheet HTML 7Page - Integrated Device Technology ICS553MLF Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ICS553
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT® LOW SKEW 1 TO 4 CLOCK BUFFER
6
ICS553
REV N 051310
Thermal Characteristics
Marking Diagrams
Notes:
1. “LOT” is the lot number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3 “LF” denotes RoHS compliant package.
4. “I” denotes industrial temperature range device.
5. Bottom marking: country of origin.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W
14
5
8
553MLF
LOT
YYWW
14
5
8
553MILF
LOT
YYWW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com