Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5357LUI Datasheet(PDF) 13 Page - Altera Corporation

Part # EP5357LUI
Description  600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5357LUI Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP5357LUI Datasheet HTML 9Page - Altera Corporation EP5357LUI Datasheet HTML 10Page - Altera Corporation EP5357LUI Datasheet HTML 11Page - Altera Corporation EP5357LUI Datasheet HTML 12Page - Altera Corporation EP5357LUI Datasheet HTML 13Page - Altera Corporation EP5357LUI Datasheet HTML 14Page - Altera Corporation EP5357LUI Datasheet HTML 15Page - Altera Corporation EP5357LUI Datasheet HTML 16Page - Altera Corporation EP5357LUI Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EP5357LUI/EP5357HUI
Application Information
VIN
VSENSE
PVIN
VS1
VS2
VS0
10
µF
4.7
µF
VOUT
VOUT
AGND
ENABLE
PGND
AVIN
LLM
Figure 9: Application Circuit, EP5357HUI, configured
for LLM Enabled. Note that all control signals should
be connected to AVIN or AGND.
VIN
VSENSE
PVIN
VS1
VS2
VS0
10
µF
µF
VOUT
VOUT
AGND
ENABLE
VFB
PGND
AVIN
LLM
Figure 10: Application Circuit, EP5357LUI,
configured for LLM Enabled, showing the VFB
function.
Output Voltage Programming
The EP5357xUI utilizes a 3-pin VID to program
the output voltage value. The VID is available
in two sets of output VID programming ranges.
The VID pins should be connected either to
AVIN or to AGND to avoid noise coupling into
the device.
The “Low” range is optimized for low voltage
applications. It comes with preset VID settings
ranging from 0.80V and 1.5V.
This VID set
also has an external divider option.
To specify this VID range, order part number
EP5357LUI.
The “High” VID set provides output voltage
settings ranging from 1.8V to 3.3V.
This
version does not have an external divider
option.
To specify this VID range, order part
number EP5357HUI.
Internally, the output of the VID multiplexer
sets the value for the voltage reference DAC,
which in turn is connected to the non-inverting
input of the error amplifier. This allows the use
of a single feedback divider with constant loop
gain and optimum compensation, independent
of the output voltage selected.
NOTE: The VID pins must not be left floating.
EP5357L Low VID Range Programming
The EP5357LUI is designed to provide a high
degree of flexibility in powering applications
that require low VOUT settings and dynamic
voltage scaling (DVS). The device employs a
3-pin VID architecture that allows the user to
choose one of seven (7) preset output voltage
settings, or the user can select an external
voltage divider option.
The VID pin settings
can be changed on the fly to implement glitch-
free voltage scaling.
Table 2: EP5357LUI VID Voltage Select Settings
Table 2 shows the VS2-VS0 pin logic states for
the EP5357LUI and the associated output
voltage
levels.
A
logic
“1”
indicates
a
connection to AVIN or to a “high” logic voltage
level.
A logic “0” indicates a connection to
AGND or to a “low” logic voltage level. These
pins can be either hardwired to AVIN or AGND
or alternatively can be driven by standard logic
levels. Logic levels are defined in the electrical
characteristics table.
Any level between the
logic high and logic low is indeterminate.
VS2
VS1
VS0
VOUT
0
0
0
1.50
0
0
1
1.45
0
1
0
1.20
0
1
1
1.15
1
0
0
1.10
1
0
1
1.05
1
1
0
0.8
1
1
1
EXT
13
www.altera.com/enpirion
03409
October 11, 2013
Rev E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com