Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5357LUI Datasheet(PDF) 14 Page - Altera Corporation

Part # EP5357LUI
Description  600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5357LUI Datasheet(HTML) 14 Page - Altera Corporation

Back Button EP5357LUI Datasheet HTML 10Page - Altera Corporation EP5357LUI Datasheet HTML 11Page - Altera Corporation EP5357LUI Datasheet HTML 12Page - Altera Corporation EP5357LUI Datasheet HTML 13Page - Altera Corporation EP5357LUI Datasheet HTML 14Page - Altera Corporation EP5357LUI Datasheet HTML 15Page - Altera Corporation EP5357LUI Datasheet HTML 16Page - Altera Corporation EP5357LUI Datasheet HTML 17Page - Altera Corporation EP5357LUI Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
EP5357LUI/EP5357HUI
EP5357LUI External Voltage Divider
The external divider
option is
chosen by
connecting VID pins VS2-VS0 to VIN or a logic
“1” or “high”. The EP5357LUI uses a separate
feedback pin, VFB, when using the external
divider. VSENSE must be connected to VOUT as
indicated in Figure 11.
The output voltage is
selected by the following formula:
(
)
Rb
Ra
OUT
V
V
+
=
1
6
.
0
Ra must be chosen as 237K
Ω to maintain loop
gain. Then Rb is given as:
Ω
−
=
6
.
0
10
2
.
142
3
OUT
b
V
x
R
VOUT can be programmed over the range of
0.6V to (VIN – 0.25V).
NOTE: Dynamic Voltage Scaling is not allowed
between internal preset voltages and external
divider.
NOTE: LLM is not functional when using the
external divider option. Tie the LLM pin to
AGND.
VIN
VSense
VS0
VS2
10
µF
4.7uF
VOUT
VOUT
AGND
ENABLE
Ra
Rb
VFB
VS1
PGND
AVIN
PVIN
Figure 11: EP5357LUI using external divider
EP5357HUI High VID Range Programming
The EP5357HUI VOUT settings are optimized
for higher nominal voltages such as those
required to power IO, RF, or IC memory. The
preset voltages range from 1.8V to 3.3V.
There are eight (8) preset output voltage
settings.
The EP5357HUI does not have an
external
divider
option.
As
with
the
EP5357LUI,
the VID
pin settings
can be
changed while the device is enabled.
Table 3 shows the VS0-VS2 pin logic states for
the EP5357HUI and the associated output
voltage
levels.
A
logic
“1”
indicates
a
connection to AVIN or to a “high” logic voltage
level.
A logic “0” indicates a connection to
AGND or to a “low” logic voltage level. These
pins can be either hardwired to AVIN or AGND
or alternatively can be driven by standard logic
levels. Logic levels are defined in the electrical
characteristics table.
Any level between the
logic
high and logic low is indeterminate.
These pins must not be left floating.
Table 3: EP5357HUI VID Voltage Select Settings
Power-Up/Down Sequencing
During
power-up, ENABLE
should not be
asserted before PVIN, and PVIN should not be
asserted before AVIN. The PVIN should never
be powered when AVIN is off.
During power
down, the AVIN should not be powered down
before the PVIN. Tying PVIN and AVIN or all
three pins (AVIN, PVIN, ENABLE) together
during power up or power down meets these
requirements
.
Pre-Bias Start-up
The EP5357xUI does not support startup into a
pre-biased
condition.
Be
sure
the
output
capacitors are not charged or the output of the
EP5357xUI
is
not
pre-biased
when
the
EP5357xUI is first enabled.
Input Filter Capacitor
For ILOAD ≤ 500mA, CIN = 2.2uF
For ILOAD > 500mA CIN = 4.7uF.
0402 capacitor case size is acceptable.
The input capacitor must use a X5R or X7R or
equivalent
dielectric
formulation.
Y5V
or
equivalent
dielectric
formulations
lose
capacitance with frequency, bias, and with
VS2
VS1
VS0
VOUT
0
0
0
3.3
0
0
1
3.0
0
1
0
2.9
0
1
1
2.6
1
0
0
2.5
1
0
1
2.2
1
1
0
2.1
1
1
1
1.8
14
www.altera.com/enpirion
03409
October 11, 2013
Rev E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com