Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5357LUI Datasheet(PDF) 2 Page - Altera Corporation

Part # EP5357LUI
Description  600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5357LUI Datasheet(HTML) 2 Page - Altera Corporation

  EP5357LUI Datasheet HTML 1Page - Altera Corporation EP5357LUI Datasheet HTML 2Page - Altera Corporation EP5357LUI Datasheet HTML 3Page - Altera Corporation EP5357LUI Datasheet HTML 4Page - Altera Corporation EP5357LUI Datasheet HTML 5Page - Altera Corporation EP5357LUI Datasheet HTML 6Page - Altera Corporation EP5357LUI Datasheet HTML 7Page - Altera Corporation EP5357LUI Datasheet HTML 8Page - Altera Corporation EP5357LUI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EP5357LUI/EP5357HUI
Ordering Information
Part Number
Comment
Package
EP5357LUI
LOW VID Range
16-pin QFN T&R
EP5357HUI
HIGH VID Range
16-pin QFN T&R
EVB-EP5357LUI
EP5357LUI Evaluation Board
EVB-EP5357HUI
EP5357HUI Evaluation Board
Pin Assignments (Top View)
Figure 3: EP5357LUI Pin Out Diagram (Top View)
Figure 4: EP5357HUI Pin Out Diagram (Top View)
Pin Description
PIN
NAME
FUNCTION
1, 15,
16
NC(SW)
NO CONNECT – These pins are internally connected to the common switching node of the
internal MOSFETs. NC (SW) pins are not to be electrically connected to any external signal,
ground, or voltage. However, they must be soldered to the PCB. Failure to follow this
guideline may result in part malfunction or damage to the device.
2
PGND
Power ground. Connect this pin to the ground electrode of the Input and output filter
capacitors.
3
LLM
LLM (Light Load Mode – “LLM”) pin. Logic-High enables automatic LLM/PWM and logic-
low places the device in fixed PWM operation. LLM pin should be connected to ENABLE,
or should be disabled before ENABLE is pulled low.
4
VFB/NC
EP5357LUI: Feed back pin for external divider option.
EP5357HUI: No Connect
5
VSENSE
Sense pin for preset output voltages. Refer to application section for proper configuration.
PVIN
AVIN
ENABLE
VS0
VS1
VS2
NC(SW)
PGND
LLM
VFB
VSENSE
AGND
3
1
4
2
6
5
16
15
7
8
12
11
13
10
9
14
PVIN
AVIN
ENABLE
VS0
VS1
VS2
NC(SW)
PGND
LLM
NC
VSENSE
AGND
3
1
4
2
6
5
16
15
7
8
12
11
13
10
9
14
2
www.altera.com/enpirion
03409
October 11, 2013
Rev E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com