Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4225 Datasheet(PDF) 5 Page - NEC

Part # 2SC4225
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4225 Datasheet(HTML) 5 Page - NEC

  2SC4225 Datasheet HTML 1Page - NEC 2SC4225 Datasheet HTML 2Page - NEC 2SC4225 Datasheet HTML 3Page - NEC 2SC4225 Datasheet HTML 4Page - NEC 2SC4225 Datasheet HTML 5Page - NEC 2SC4225 Datasheet HTML 6Page - NEC 2SC4225 Datasheet HTML 7Page - NEC 2SC4225 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC4225
5
VCE = 5 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.852
–36.9
9.015
151.8
0.051
73.0
0.928
–19.9
200.00
0.730
–65.3
7.451
131.5
0.081
58.9
0.781
–32.7
300.00
0.601
–88.5
5.983
115.8
0.103
49.3
0.638
–42.4
400.00
0.526
–105.8
4.912
106.4
0.113
47.5
0.539
–45.9
500.00
0.479
–120.3
4.118
97.6
0.120
44.9
0.456
–47.9
600.00
0.452
–134.2
3.658
93.0
0.131
45.6
0.413
–48.9
700.00
0.427
–146.5
3.204
84.8
0.138
44.8
0.374
–49.4
800.00
0.414
–156.2
3.018
80.8
0.149
45.0
0.352
–50.9
900.00
0.408
–164.2
2.666
75.0
0.153
47.5
0.330
–52.6
1000.00
0.417
–172.1
2.456
70.5
0.162
47.4
0.309
–55.4
1100.00
0.426
180.0
2.252
67.1
0.172
49.7
0.292
–57.9
1200.00
0.426
171.3
2.115
62.4
0.184
49.4
0.270
–60.5
1300.00
0.422
165.7
2.018
58.4
0.198
49.6
0.254
–63.1
1400.00
0.420
161.6
1.834
54.7
0.202
49.4
0.239
–66.0
1500.00
0.439
157.6
1.730
49.9
0.213
48.6
0.230
–69.3
1600.00
0.455
153.8
1.625
49.2
0.220
51.3
0.222
–73.7
1700.00
0.471
148.2
1.532
46.4
0.231
51.0
0.211
–78.8
1800.00
0.485
143.8
1.523
44.2
0.249
52.8
0.199
–85.9
1900.00
0.490
140.4
1.471
41.1
0.265
51.6
0.191
–91.7
2000.00
0.501
137.2
1.450
35.8
0.283
50.0
0.184
–97.9
VCE = 5 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.596
–66.5
19.076
132.3
0.039
66.0
0.741
–38.6
200.00
0.446
–103.7
12.382
110.9
0.056
58.8
0.493
–52.0
300.00
0.370
–127.5
8.801
98.8
0.070
57.5
0.355
–57.7
400.00
0.337
–143.6
6.728
92.4
0.083
60.3
0.280
–58.6
500.00
0.327
–155.8
5.466
86.7
0.096
60.7
0.229
–58.4
600.00
0.323
–166.6
4.732
84.0
0.112
63.3
0.202
–58.1
700.00
0.320
–176.1
4.073
78.2
0.126
62.3
0.178
–58.2
800.00
0.321
177.6
3.720
75.0
0.145
62.3
0.161
–59.6
900.00
0.323
172.7
3.202
70.8
0.157
63.1
0.147
–61.9
1000.00
0.342
167.9
3.057
67.7
0.172
61.5
0.133
–65.2
1100.00
0.358
162.4
2.792
65.2
0.187
62.1
0.118
–68.9
1200.00
0.364
155.7
2.607
61.4
0.204
60.1
0.105
–73.6
1300.00
0.366
151.4
2.479
57.8
0.222
59.2
0.095
–79.7
1400.00
0.367
148.6
2.247
55.0
0.230
57.5
0.082
–87.2
1500.00
0.385
145.9
2.110
50.7
0.244
55.3
0.077
–95.8
1600.00
0.401
143.5
1.978
50.5
0.254
56.7
0.074 –107.1
1700.00
0.417
139.5
1.862
48.3
0.267
55.1
0.072 –120.6
1800.00
0.433
136.3
1.841
46.3
0.287
55.7
0.074 –137.5
1900.00
0.441
133.6
1.779
43.5
0.305
53.3
0.079 –149.6
2000.00
0.454
131.0
1.748
38.5
0.324
50.7
0.084 –158.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com