Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4225 Datasheet(PDF) 2 Page - NEC

Part # 2SC4225
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4225 Datasheet(HTML) 2 Page - NEC

  2SC4225 Datasheet HTML 1Page - NEC 2SC4225 Datasheet HTML 2Page - NEC 2SC4225 Datasheet HTML 3Page - NEC 2SC4225 Datasheet HTML 4Page - NEC 2SC4225 Datasheet HTML 5Page - NEC 2SC4225 Datasheet HTML 6Page - NEC 2SC4225 Datasheet HTML 7Page - NEC 2SC4225 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC4225
2
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
200
100
50
30
20
10
0.5
1
2
5
10
20
50 70
IC - Collector Current - mA
VCE = 10 V
DC CURRENT GAIN vs.
COLLECTOR CURRENT
70
50
20
10
5
2
1
0.5
0.5
0.6
0.7
0.8
0.9
VCE = 10 V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE - Base to Emitter Voltage - V
7
5
2
0.5
0.2
0.1
0.5
1
2
5
10
20
50 70
IC - Collector Current - mA
VCE = 10 V
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
15
10
5
0
0.5
1
2
5
10
20
50 70
IC - Collector Current - mA
INSERTION GAIN vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1.0 GHz
2
0.5
0.3
1
0
0.5
1
2
5
10
20
30
f = 1.0 GHz
7
5
2
0
0.5
1
2
5
10
20
50 70
IC - Collector Current - mA
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1.2 GHz
6
4
3
1
VCB - Collector to Base Voltage - V
1
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com