Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4225 Datasheet(PDF) 1 Page - NEC

Part # 2SC4225
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4225 Datasheet(HTML) 1 Page - NEC

  2SC4225 Datasheet HTML 1Page - NEC 2SC4225 Datasheet HTML 2Page - NEC 2SC4225 Datasheet HTML 3Page - NEC 2SC4225 Datasheet HTML 4Page - NEC 2SC4225 Datasheet HTML 5Page - NEC 2SC4225 Datasheet HTML 6Page - NEC 2SC4225 Datasheet HTML 7Page - NEC 2SC4225 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1996
DATA SHEET
SILICON TRANSISTOR
2SC4225
DESCRIPTION
The 2SC4225 is an NPN silicon epitaxial transistor designed for low
noise amplifier at VHF through UHF band.
It has large dynamic range and good current characteristics.
FEATURES
•
Low Noise and High Gain
NF = 1.5 dB TYP.
at VCE = 10 V, IC = 5 mA, f = 1 GHz
S21e 2 = 10 dB TYP. at VCE = 10 V, IC = 20 mA, f = 1 GHz
(reference value)
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCB0
25
V
Collector to Emitter Voltage
VCE0
12
V
Emitter to Base Voltage
VEB0
3.0
V
Collector Current
IC
70
mA
Total Power Dissipation
PT
160
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Characteristics
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Collector Cutoff Current
ICB0
1.0
µAVCB = 10 V, IE = 0
Emitter Cutoff Current
IEB0
1.0
µAVEB = 2 V, IC = 0
DC Current Gain
hFE
40
80
200
VCE = 3 V, IC = 20 mA, pulsed
Gain Bandwidth Product
fT
4
GHz
VCE = 3 V, IC = 20 mA, f = 1 GHz
Output Capacitance
Cob
1.2
1.8
pF
VCB = 3 V, IE = 0, f = 1 MHz
Insertion Power Gain
S21e 2
7.5
9.0
dB
VCE = 3 V, IC = 20 mA, f = 1 GHz
Noise Figure
NF
1.5
3.0
dB
VCE = 3 V, IC = 5 mA, f = 1GHz
hFE Classifications
Rank
R2
R3
Marking
R2
R3
hFE
40 to 120
100 to 200
Document No. P11192EJ2V0DS00 (2nd edition)
Date Published February 1996 P
Printed in Japan
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
PACKAGE DIMENSIONS
in millimeters
2.1 ± 0.1
1.25 ± 0.1
2
1
3
Marking
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector


Similar Part No. - 2SC4225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4225 RENESAS-2SC4225 Datasheet
178Kb / 10P
SILICON TRANSISTOR
1996
More results

Similar Description - 2SC4225

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4093 NEC-2SC4093 Datasheet
70Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4094 NEC-2SC4094 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4187 NEC-2SC4187 Datasheet
43Kb / 6P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5192 NEC-2SC5192 Datasheet
68Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC5193 NEC-2SC5193 Datasheet
65Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094_15 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 RENESAS-2SC4095_15 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com