Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3333 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LT3333
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT3333 Datasheet(HTML) 1 Page - OSRAM GmbH

  LT3333 Datasheet HTML 1Page - OSRAM GmbH LT3333 Datasheet HTML 2Page - OSRAM GmbH LT3333 Datasheet HTML 3Page - OSRAM GmbH LT3333 Datasheet HTML 4Page - OSRAM GmbH LT3333 Datasheet HTML 5Page - OSRAM GmbH LT3333 Datasheet HTML 6Page - OSRAM GmbH LT3333 Datasheet HTML 7Page - OSRAM GmbH LT3333 Datasheet HTML 8Page - OSRAM GmbH LT3333 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LB 3333, LT 3333
Hyper 3 mm (T1) LED
Hyper-Bright LED
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten für OS-PCN-2007-003-A /
Preliminary Data for OS-PCN-2007-003-A
2008-05-19
1
Besondere Merkmale
• Gehäusetyp: nicht eingefärbtes, mikrodiffuses
3 mm (T1) Gehäuse
• Besonderheit des Bauteils: enge
Abstrahlcharakteristik; Lötspieße mit
Aufsetzebene
• Wellenlänge: 470 nm (blau),
528 nm (true green)
• Abstrahlwinkel: 40°
• Technologie: InGaN
• optischer Wirkungsgrad: 2 lm/W (blau),
8 lm/W (true green)
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Lötmethode: Wellenlöten (TTW)
• Verpackung: Schüttgut, gegurtet lieferbar
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
Anwendungen
• Informationsanzeigen im Außenbereich
• optischer Indikator
• Signal- und Symbolleuchten
• Markierungsbeleuchtung (z.B. Stufen,
Fluchtwege, u.ä.)
Features
• package: colorless, micro diffused 3 mm (T1)
package
• feature of the device: narrow viewing angle,
solder leads with stand-off
• wavelength: 470 nm (blue),
528 nm (true green)
• viewing angle: 40°
• technology: InGaN
• optical efficiency: 2 lm/W (blue),
8 lm/W (true green)
• grouping parameter: luminous intensity,
wavelength
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Applications
• outdoor displays
• optical indicators
• signal and symbol luminaire
• marker lights (e.g. steps, exit ways, etc.)


Similar Part No. - LT3333

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT333 LETEX-LT333 Datasheet
153Kb / 4P
Photo DMOS-FET Relay
More results

Similar Description - LT3333

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com