Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641I Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB2641I
Description  Industrial Temperature USB 2.0 Flash Media Controller and Hub Combo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2641I Datasheet(HTML) 4 Page - SMSC Corporation

  USB2641I Datasheet HTML 1Page - SMSC Corporation USB2641I Datasheet HTML 2Page - SMSC Corporation USB2641I Datasheet HTML 3Page - SMSC Corporation USB2641I Datasheet HTML 4Page - SMSC Corporation USB2641I Datasheet HTML 5Page - SMSC Corporation USB2641I Datasheet HTML 6Page - SMSC Corporation USB2641I Datasheet HTML 7Page - SMSC Corporation USB2641I Datasheet HTML 8Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Industrial Temperature USB 2.0 Flash Media Controller and Hub Combo
Revision 2.1 (06-29-09)
4
SMSC USB2640i/USB2641i
PRODUCT PREVIEW
Device Features
Hardware Features
Single chip flash media controller
The SMSC USB2640i/USB2641i supports the industrial temperature range of -40°C to 85°C
Transaction translator (TT) in the hub supports operation of FS and LS peripherals
Full power management with individual or ganged power control of each downstream port
Optional support for external firmware access via SPI interface
- 30 MHz or 60 MHz operation support
- Single bit or dual bit mode support
- Mode 0 or mode 3 SPI support
Compliant with the following flash media card specifications:
Secure Digital 2.0 / MultiMediaCard 4.2
- SD 2.0, HS-SD, HC-SD
- TransFlash™ and reduced form factor media
- 1/4/8 bit MMC 4.2
SDIO and MMC streaming mode support
Memory Stick 1.43
Memory Stick Pro Format 1.02
Memory Stick Pro-HG Duo Format 1.01
- Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
Memory Stick Duo 1.10
xD-Picture Card 1.2 (USB2640i only)
On board 24 MHz crystal driver circuit
Optional external 24 MHz clock input
- Must be used with an external resistor divider to provide a 1.8 V signal
Up to 9 GPIOs: Configuration and polarity for special function use such as LED indicators, button
inputs, and power control to memory devices
- The number of actual GPIOs depends on the implementation configuration used
- One GPIO available with up to 200 mA drive and protected “fold-back” short circuit current
8051 8-bit microprocessor
- 60 MHz - single cycle execution
- 64 KB ROM; 9 KB RAM
Internal regulator for 1.8 V core operation
Optimized pinout improves signal flow, easing implementation and allowing for improved signal
integrity treatment
Software Features
Optimized for low latency interrupt handling
Hub and flash media reader/writer configuration from a single source: External I2C ROM or external
SPI ROM
EEPROM update via USB
Please see the USB2640i/USB2641i Software Release Notes for additional software features



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com