Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641I Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB2641I
Description  Industrial Temperature USB 2.0 Flash Media Controller and Hub Combo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2641I Datasheet(HTML) 5 Page - SMSC Corporation

  USB2641I Datasheet HTML 1Page - SMSC Corporation USB2641I Datasheet HTML 2Page - SMSC Corporation USB2641I Datasheet HTML 3Page - SMSC Corporation USB2641I Datasheet HTML 4Page - SMSC Corporation USB2641I Datasheet HTML 5Page - SMSC Corporation USB2641I Datasheet HTML 6Page - SMSC Corporation USB2641I Datasheet HTML 7Page - SMSC Corporation USB2641I Datasheet HTML 8Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Industrial Temperature USB 2.0 Flash Media Controller and Hub Combo
SMSC USB2640i/USB2641i
5
Revision 2.1 (06-29-09)
PRODUCT PREVIEW
OEM Selectable Features
Hub
A default configuration is available in USB2640i/USB2641i following a reset. The USB2640i/USB2641i
may also be configured by an external I2C EEPROM or via external SPI ROM flash.
The USB2640i/USB2641i supports several OEM selectable features:
Compound Device support (port is permanently hardwired to a downstream USB peripheral
device), on a port-by-port basis.
Select over-current sensing and port power control on an individual (port-by-port) or ganged (all
ports together) basis to match the OEM’s choice of circuit board component selection.
Port power control and over-current detection/delay features
Configure the delay time for filtering the over-current sense inputs.
Configure the delay time for turning on downstream port power.
Bus- or self-powered selection
Hub port disable or non-removable configurations
Flexible port mapping and disable sequence. Ports can be disabled/reordered in any sequence to
support multiple platforms with a single design. The hub will automatically reorder the remaining
ports to match the host controller's numbering scheme.
Programmable USB differential-pair pin location.
- Eases PCB layout by aligning USB signal lines directly to connectors
Programmable USB signal drive strength. Recover USB signal integrity due to compromised
system environments using 4 levels of signal drive strength.
Indicate the maximum current that the 2-port hub consumes from the USB upstream port.
Indicate the maximum current required for the hub controller.
Flash Media Controller
Customize vendor ID, product ID, and device ID.
12-hex digit (max) serial number string
Customizable vendor specific data by optional use of external serial EEPROM
28-character manufacturer ID and product string for flash media reader/writer
LED blink interval or duration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com