Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2641I Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2641I
Description  Industrial Temperature USB 2.0 Flash Media Controller and Hub Combo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2641I Datasheet(HTML) 1 Page - SMSC Corporation

  USB2641I Datasheet HTML 1Page - SMSC Corporation USB2641I Datasheet HTML 2Page - SMSC Corporation USB2641I Datasheet HTML 3Page - SMSC Corporation USB2641I Datasheet HTML 4Page - SMSC Corporation USB2641I Datasheet HTML 5Page - SMSC Corporation USB2641I Datasheet HTML 6Page - SMSC Corporation USB2641I Datasheet HTML 7Page - SMSC Corporation USB2641I Datasheet HTML 8Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMSC USB2640i/USB2641i
Revision 2.1 (06-29-09)
PRODUCT PREVIEW
Data Brief
PRODUCT FEATURES
USB2640i/USB2641i
Industrial Temperature USB 2.0
Flash Media Controller and Hub
Combo
General Description
The SMSC USB2640i/USB2641i is a USB 2.0
compliant, Hi-Speed hub for USB port expansion with an
attached mass storage class peripheral controller. The
controller allows read/write capability to popular flash
media from the following families:
Secure DigitalTM (SD)
MultiMediaCardTM (MMC)
xD-Picture CardTM (xD)1
Memory Stick®(MS)
The USB2640i/USB2641i is a fully integrated, single
chip solution providing USB expansion and integrated
flash card media reader/writer capability of ultra high
performance operation. Average sustained transfer
rates exceeding 35 MB/s are possible2.
Highlights
Hub controller with internally connected ultra fast
flash media reader/writer and 2 exposed downstream
ports for external peripheral expansion
Flash media reader/writer employs multiplexed card
interfaces which are optimized for use with single
card insertion combo sockets
Hardware-controlled data flow architecture for all self-
mapped media
Optional support for external firmware access via SPI
interface
PortMap
— Flexible port mapping and port disable sequencing
supports multiple platform designs
PortSwap
— Programmable USB differential-pair pin locations eases
PCB design by aligning USB signal traces directly to
connectors
PHYBoost
— Programmable USB transceiver drive strength recovers
signal integrity
Features
Compliant with the following flash media card
specifications: SD 2.0 / MMC 4.2 / MS 1.43 / MS-Pro
1.02 / MS-PRO-HG 1.01 / MS-Duo 1.10 / xD 1.2
Supports a single external 3.3 V supply source;
internal regulators provide 1.8 V internal core voltage
for additional bill of materials and power savings
The transaction translator (TT) in the hub supports
operation of Full-Speed and Low-Speed peripherals
9 K RAM | 64 K on-chip ROM
Enhanced EMI rejection and ESD protection
performance
On board 24 MHz crystal driver circuit
Optional external 24 MHz clock input
Up to 9 GPIOs for special functions
8051 8-bit microprocessor
Hub and flash media reader/writer configuration from
a single source: External I2C ROM or external SPI
ROM
— Configures internal code using an external I2C
EEPROM
— Supports external code using a SPI Flash EEPROM
— Customizable vendor ID, product ID, language ID
EEPROM update via USB
48-pin QFN lead-free, RoHS compliant package (7x7
mm)
The SMSC USB2640i/USB2641i supports the
industrial temperature range of -40°C to 85°C
Applications
Desktop and mobile PCs
Personal mobile devices
Printers
GPS navigation systems
Media Players/Viewers
Consumer A/V
Set-top boxes
Industrial products
1.Support and capabilities for xD-Picture Card are not
applicable for the USB2641i. Please obtain a user li-
cense from the xD-Picture Card License Office to sup-
port this flash media format.
2.Host and media dependent.


Similar Part No. - USB2641I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2641I MICROCHIP-USB2641I Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
USB2641I-HZH-02 MICROCHIP-USB2641I-HZH-02 Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
USB2641I-HZH-02-CAG MICROCHIP-USB2641I-HZH-02-CAG Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
More results

Similar Description - USB2641I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
USB97C223 SMSC-USB97C223 Datasheet
274Kb / 20P
Bus Powered USB 2.0 Flash Media Controller
USB4640 SMSC-USB4640 Datasheet
1Mb / 64P
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
logo
Microchip Technology
USB2642 MICROCHIP-USB2642 Datasheet
889Kb / 56P
USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB82640 MICROCHIP-USB82640 Datasheet
1Mb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB82642 MICROCHIP-USB82642 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB2640 MICROCHIP-USB2640 Datasheet
691Kb / 60P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
02/28/20
USB2640I MICROCHIP-USB2640I Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com