Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4703 Datasheet(PDF) 3 Page - NEC

Part # 2SC4703
Description  MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4703 Datasheet(HTML) 3 Page - NEC

  2SC4703 Datasheet HTML 1Page - NEC 2SC4703 Datasheet HTML 2Page - NEC 2SC4703 Datasheet HTML 3Page - NEC 2SC4703 Datasheet HTML 4Page - NEC 2SC4703 Datasheet HTML 5Page - NEC 2SC4703 Datasheet HTML 6Page - NEC 2SC4703 Datasheet HTML 7Page - NEC 2SC4703 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC4703
IM2 vs. IC
VCE =10 V
5 V
−70
−60
−50
−40
10
20
50
100
200
NF vs. IC
VCE = 5 V
f =1 GHZ
5
4
3
2
1
2
5
10
20
50
100
200
Cob vs. VCB
5
2
1
0.2
0.5
0
0.5
1
2
30
20
10
35
IM3 vs. IC
VCE = 10 V
5 V
−90
−80
−70
−60
−50
10
20
50
100
200
hFH vs. IC
500
100
10
50
0.1
1
10
100
1000
5 V
VCE = 10 V
|S21eI2 vs. IC
VCE = 10 V
5 V
f =1 GHZ
10
9
8
7
6
5
4
1
2
5 7 10
20
50 70 100
200
IC
−Collector Current−mA
IC
−Collector Current−mA
IC
−Collector Current−mA
IC
−Collector Current−mA
IC-Collector Current-mA
VCB
−Collector to Base Voltage−V
f = 1 MHZ
V0 = 105 dB V/75
Ω
f = 190 MHZ
− 90MHZ
µ
V0 = 105 dB V/75
Ω
f = 2
× 190 MHZ − 200MHZ
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com