Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4703 Datasheet(PDF) 1 Page - NEC

Part # 2SC4703
Description  MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4703 Datasheet(HTML) 1 Page - NEC

  2SC4703 Datasheet HTML 1Page - NEC 2SC4703 Datasheet HTML 2Page - NEC 2SC4703 Datasheet HTML 3Page - NEC 2SC4703 Datasheet HTML 4Page - NEC 2SC4703 Datasheet HTML 5Page - NEC 2SC4703 Datasheet HTML 6Page - NEC 2SC4703 Datasheet HTML 7Page - NEC 2SC4703 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SILICON TRANSISTOR
2SC4703
MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No. P10375EJ2V1DS00 (2nd edition)
Date Published March 1997 N
Printed in Japan
1994
©
DESCRIPTION
The 2SC4703 is designed for low distortion, low noise RF amplifier
operating with low supply voltage (VCE = 5 V).
This low distortion
characteristic makes it suitable for CATV, tele-communication and other
use. It employs surface mount type plastic package, Power Mini Mold
(SOT-89).
FEATURES
• Low distortion at low supply voltage.
IM2
55 dB TYP., IM3 76 dB TYP.
@VCE = 5 V, IC = 50 mA, VO = 105 dB
/75
• Large PT with surface mount type package.
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Collector to Base Voltage
VCBO
25
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
2.5
V
Collector Current
IC
150
mA
Total Power Dissipation
PT
1.8
W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
55 to +150
C
* 0.7 mm
 16 cm2 double sided ceramic substrate. (Copper plating)
PACKAGE DIMENSIONS
(Unit: mm)
Term, Connection
E
C
B
(SOT-89)
: Emitter
: Collector (Fin)
: Base
0.41
−0.03
+0.05
0.47
±0.06
0.42±0.06
0.42
±0.06
4.5±0.1
1.6±0.2
3.0
EB
C
1.5
1.5±0.1


Similar Part No. - 2SC4703

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4703 RENESAS-2SC4703 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR
logo
California Eastern Labs
2SC4703 CEL-2SC4703 Datasheet
163Kb / 7P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
logo
Inchange Semiconductor ...
2SC4703 ISC-2SC4703 Datasheet
269Kb / 2P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4703-A RENESAS-2SC4703-A Datasheet
137Kb / 2P
RF & Microwave device
2SC4703-T1 RENESAS-2SC4703-T1 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR
More results

Similar Description - 2SC4703

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com