Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4703 Datasheet(PDF) 4 Page - NEC

Part # 2SC4703
Description  MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4703 Datasheet(HTML) 4 Page - NEC

  2SC4703 Datasheet HTML 1Page - NEC 2SC4703 Datasheet HTML 2Page - NEC 2SC4703 Datasheet HTML 3Page - NEC 2SC4703 Datasheet HTML 4Page - NEC 2SC4703 Datasheet HTML 5Page - NEC 2SC4703 Datasheet HTML 6Page - NEC 2SC4703 Datasheet HTML 7Page - NEC 2SC4703 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC4703
S-PARAMETER
2SC4073
5V
50mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.641
0.426
0.345
0.306
0.288
0.276
0.278
0.276
0.297
0.278
0.295
0.285
0.308
0.315
0.329
0.328
0.344
0.349
0.360
0.370
66.7
102.5
125.2
144.0
157.1
169.2
178.7
171.9
162.4
156.6
149.6
142.4
137.8
131.2
128.2
122.6
121.4
116.4
113.8
109.3
17.277
10.572
8.139
5.907
4.897
4.054
3.711
3.207
2.836
2.598
2.444
2.244
2.051
1.939
1.916
1.745
1.680
1.581
1.627
1.455
127.9
110.0
98.5
88.8
84.2
79.5
75.8
68.7
65.8
63.2
59.0
54.7
51.3
50.4
45.1
42.4
39.1
38.6
34.5
30.8
0.053
0.071
0.093
0.105
0.123
0.145
0.172
0.184
0.199
0.223
0.253
0.266
0.274
0.294
0.329
0.332
0.352
0.361
0.402
0.393
67.6
61.2
54.5
54.8
59.1
59.5
58.6
55.9
57.6
57.2
55.1
52.6
51.9
52.9
49.3
47.0
45.4
46.2
43.3
40.6
0.694
0.452
0.342
0.262
0.254
0.214
0.203
0.187
0.182
0.173
0.174
0.174
0.178
0.173
0.177
0.175
0.189
0.195
0.198
0.189
45.3
60.2
69.7
77.4
80.5
86.2
89.2
94.5
89.7
100.9
103.0
109.9
114.4
121.0
125.8
126.7
133.7
137.8
141.8
147.2
2SC4073
5V
100mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.614
0.400
0.339
0.306
0.294
0.284
0.289
0.288
0.312
0.293
0.311
0.302
0.324
0.329
0.344
0.343
0.358
0.364
0.374
0.385
74.1
109.1
133.0
150.7
163.7
174.6
173.9
167.7
159.1
153.7
147.5
140.2
136.1
130.0
126.9
121.5
120.1
115.7
112.9
108.4
17.789
10.554
8.039
5.810
4.803
3.970
3.627
3.143
2.775
2.542
2.391
2.195
2.006
1.896
1.879
1.709
1.647
1.547
1.597
1.428
124.8
107.4
96.5
87.2
82.8
78.2
74.7
67.6
64.8
62.3
58.1
53.9
50.4
49.5
44.4
41.6
38.4
37.9
33.8
30.1
0.048
0.065
0.092
0.104
0.124
0.145
0.173
0.187
0.202
0.227
0.256
0.273
0.282
0.300
0.335
0.338
0.359
0.366
0.410
0.398
62.1
58.1
56.2
55.9
60.1
60.1
59.3
56.6
58.0
57.3
55.8
53.0
51.7
52.4
49.5
47.2
44.8
45.6
42.8
40.3
0.651
0.398
0.303
0.234
0.230
0.194
0.183
0.173
0.169
0.161
0.161
0.165
0.168
0.165
0.171
0.167
0.183
0.188
0.198
0.185
50.7
64.4
73.7
82.1
85.0
91.6
95.5
100.5
105.1
107.5
109.4
115.5
121.2
127.0
131.9
133.4
139.9
143.4
147.6
153.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com