Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER25HN Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER25HN
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25HN Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER25HN Datasheet HTML 11Page - STMicroelectronics VIPER25HN Datasheet HTML 12Page - STMicroelectronics VIPER25HN Datasheet HTML 13Page - STMicroelectronics VIPER25HN Datasheet HTML 14Page - STMicroelectronics VIPER25HN Datasheet HTML 15Page - STMicroelectronics VIPER25HN Datasheet HTML 16Page - STMicroelectronics VIPER25HN Datasheet HTML 17Page - STMicroelectronics VIPER25HN Datasheet HTML 18Page - STMicroelectronics VIPER25HN Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
VIPER25
Operation description
Doc ID 15585 Rev 4
15/40
7
Operation description
VIPER25 is a high-performance low-voltage PWM controller IC with an 800 V, avalanche
rugged power section.
The controller includes the current-mode PWM logic and the ZCD (zero current detect)
circuit for QR operation, the start-up circuitry with soft-start feature, an oscillator for
frequency foldback function, the current limit circuit with adjustable set point, the second
overcurrent circuit, the burst mode management circuit, the brown-out circuit, the UVLO
circuit, the auto-restart circuit and the thermal shutdown circuit.
The current limit set-point is set by the ZCD pin. The burst mode operation guaranties high
performance in the stand-by mode and helps in the energy saving norm accomplishment
All the fault protections are built in auto-restart mode with very low repetition rate to prevent
IC's over heating.
7.1
Power section and gate driver
The power section is implemented with an avalanche ruggedness N-channel MOSFET,
which guarantees safe operation within the specified energy rating as well as high dv/dt
capability. The power section has a BVDSS of 800 V min. and a typical RDS(on)
of 7
Ω at 25 °C.
The integrated SenseFET structure allows a virtually loss-less current sensing.
The gate driver is designed to supply a controlled gate current during both turn-on and turn-
off in order to minimize common mode EMI. Under UVLO conditions an internal pull-down
circuit holds the gate low in order to ensure that the Power section cannot be turned on
accidentally.
7.2
High voltage startup generator
The HV current generator is supplied through the DRAIN pin and it is enabled only if the
input bulk capacitor voltage is higher than VDRAIN_START threshold, reported on Table 7 on
page 7. When the HV current generator is ON, the IDDch current (see Table 7 on page 7) is
delivered to the capacitor on the VDD pin. In case of Auto-restart mode after a fault event,
the IDDch current is reduced to 0.6 mA, in order to have a slow duty cycle during the restart
phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com