Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER25HN Datasheet(PDF) 29 Page - STMicroelectronics

Part # VIPER25HN
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25HN Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VIPER25HN Datasheet HTML 25Page - STMicroelectronics VIPER25HN Datasheet HTML 26Page - STMicroelectronics VIPER25HN Datasheet HTML 27Page - STMicroelectronics VIPER25HN Datasheet HTML 28Page - STMicroelectronics VIPER25HN Datasheet HTML 29Page - STMicroelectronics VIPER25HN Datasheet HTML 30Page - STMicroelectronics VIPER25HN Datasheet HTML 31Page - STMicroelectronics VIPER25HN Datasheet HTML 32Page - STMicroelectronics VIPER25HN Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
VIPER25
Operation description
Doc ID 15585 Rev 4
29/40
The time, from the high load detection, VFB = VFBlin, to the over load turn-off, VFB = VFBolp,
depends from the value of the capacitor CFB and from the internal charge current, IFB. The
OLP delay time can be calculating by the formula:
Equation 8
The current, IFB, is 3 μA as minimum value. The components connected to the FB pin are
also a part of the compensation loop
, so they have to be selected taking into account the
proper delay and loop stability consideration. The Figure 34 on page 30 and Figure 35 on
page 30
show two different feedback networks.
In the Figure 33 on page 27, the capacitor, CFB, connected to FB pin is used as part of the
circuit to compensate the feedback loop but also as element to delay the OLP shut down
owing to the time needed to charge the capacitor (see the Equation 8).
After the start-up time, tSU, during which the feedback voltage is fixed at VFBlin, the output
capacitor could not be at its nominal value and the controller interpreter this situation as an
over load condition. In this case, the OLP delay helps to avoid an incorrect device shut down
during the start-up. See the relevant Section 7.3 on page 16.
Owing to the above considerations, the OLP delay time must be long enough to by-pass the
initial output voltage transient and check the over load condition only when the output
voltage is in steady state. The output transient time depends from the value of the output
capacitor and from the load.
When the value of the CFB capacitor calculated for the loop stability is too low and cannot
ensure enough OLP delay, an alternative compensation network can be used and it is
showed in Figure 35 on page 30.
Using this alternative compensation network, two poles (fPFB, fPFB1) and one zero (fZFB) are
introduced by the capacitors CFB and CFB1 and the resistor RFB1.
The capacitor CFB introduces a pole (fPFB) at higher frequency than fZB and fPFB1. This pole
is usually used to compensate the high frequency zero due to the ESR (Equivalent Series
Resistor) of the output capacitance of the fly-back converter.
The mathematical expressions of these poles and zero frequency, considering the scheme
in Figure 35 on page 30 are reported by the equations below:
Equation 9
Equation 10
T
OLP
delay
–
C
FB
V
FBolp
V
FBlin
–
3
μA
----------------------------------------
×
=
1
FB
1
FB
ZFB
R
C
2
1
f
⋅
⋅
π
⋅
=
()
1
FB
)
DYN
(
FB
FB
1
FB
)
DYN
(
FB
PFB
R
R
C
2
R
R
f
⋅
⋅
⋅
π
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com