Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER25HN Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER25HN
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25HN Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER25HN Datasheet HTML 13Page - STMicroelectronics VIPER25HN Datasheet HTML 14Page - STMicroelectronics VIPER25HN Datasheet HTML 15Page - STMicroelectronics VIPER25HN Datasheet HTML 16Page - STMicroelectronics VIPER25HN Datasheet HTML 17Page - STMicroelectronics VIPER25HN Datasheet HTML 18Page - STMicroelectronics VIPER25HN Datasheet HTML 19Page - STMicroelectronics VIPER25HN Datasheet HTML 20Page - STMicroelectronics VIPER25HN Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
VIPER25
Operation description
Doc ID 15585 Rev 4
17/40
As soon as the output voltage reaches the regulated value, the regulation loop takes over
and the drain current is regulated below its limit, IDlim, by the feedback voltage, which settles
at a value lower than the threshold VFBlin
Figure 22.
IDD current during start-up and burst mode
Figure 23.
Timing diagram: normal power-up and power-down sequences
BURST MODE
NORMAL MODE
START- UP
NORMAL MODE
I
DDch (-3 mA)
I
DD1
I
DD0
IDD
V
FBbm
VFB
VDRAIN
V
FBbmhys
V
FBlin
V
FBolp
VDD
V
DDoff
V
DDon
t
t
t
t
I
DD
V
DD
V
DRAIN
V
DDon
time
V
IN
V
DRAIN_START
Power-on
Power-off
Normal operation
regulation is lost here
V
IN < VDRAIN_START
HV startup is no more activated
V
DDoff
V
DD(RESTART)
I
DDch (3mA)
time
time
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com