Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4885 Datasheet(PDF) 3 Page - NEC

Part # 2SC4885
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4885 Datasheet(HTML) 3 Page - NEC

  2SC4885 Datasheet HTML 1Page - NEC 2SC4885 Datasheet HTML 2Page - NEC 2SC4885 Datasheet HTML 3Page - NEC 2SC4885 Datasheet HTML 4Page - NEC 2SC4885 Datasheet HTML 5Page - NEC 2SC4885 Datasheet HTML 6Page - NEC 2SC4885 Datasheet HTML 7Page - NEC 2SC4885 Datasheet HTML 8Page - NEC 2SC4885 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
2SC4885
IC-Collector Current-mA
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
VCE = 5 V
f = 1 GHz
1
10
100
12
10
4
2
8
6
NOISE VOLTAGE TEST CIRCUIT
+
G
υ = 80 dB
FLAT
+15 V
−15 V
B
M
NV
f = 10 Hz
− 1.0 kHz
B.P.F.
FLAT
Amp.
C
VTVM.
D
1
Ω
VCE = 5 V, IC = 1 mA, RG = 100 k
Ω, Gυ = 80 dB, FLAT (f = 80 Hz to 1.0 kHz)
RG = 100 k
Ω
1 mA
10
Ω
1 k
Ω
47 F
µ
0.1 F
µ
−
+
470 F
µ
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com