Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4885 Datasheet(PDF) 1 Page - NEC

Part # 2SC4885
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4885 Datasheet(HTML) 1 Page - NEC

  2SC4885 Datasheet HTML 1Page - NEC 2SC4885 Datasheet HTML 2Page - NEC 2SC4885 Datasheet HTML 3Page - NEC 2SC4885 Datasheet HTML 4Page - NEC 2SC4885 Datasheet HTML 5Page - NEC 2SC4885 Datasheet HTML 6Page - NEC 2SC4885 Datasheet HTML 7Page - NEC 2SC4885 Datasheet HTML 8Page - NEC 2SC4885 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC4885
NPN SILICON EPITAXIAL TRANSISTOR
3 PINS SUPER MINI MOLD
DATA SHEET
Document No. P10410EJ2V0DS00 (2nd edition)
(Previous No, TC-2365)
Date Published March 1997 N
Printed in Japan
1993
©
FEATURES
• Excellent Low NF in Low Frequency Band
• Low Voltage Use
• Low Cob : 0.9 pF TYP.
• Low Noise Voltage : 90 mV TYP.
• Super Mini Mold Package. EIAJ : SC-70
ABSOLUTE MAXIMUM RATINGS (Ta = 25
C)
Collector to Base Voltage
VCBO
25
V
Collector to Emitter Voltage
VCEO
13
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
50
mA
Total Power Dissipation
PT
120
mW
Junction Temperature
Tj
125
C
Storage Temperature
Tstg
55 to +125
C
ELECTRICAL CHARACTERISTICS (Ta = 25
C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
AVCB = 15 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
AVEB = 2 V, IC = 0
Collector to Base Saturation Voltage
VCE (sat)
0.3
V
hFE = 10, IC = 5 mA
DC Current Gain
hFE
60
150
VCE = 5 V, IC = 5 mA
*1
Gain Bandwidth Product
fT
2.5
3.5
GHz
VCE = 5 V, IC = 5 mA
Collecter Capacitance
Cob
0.8
1.2
pF
VCB = 5 V, IE = 0, f = 1 MHz
Insertion Power Gain
S21e2
7.0
9.0
dB
VCE = 5 V, IC = 5 mA, f = 1 GHz
Noise Figure
NF
3.0
dB
VCE = 5 V, IC = 5 mA, f = 1 GHz
Noise Voltage
NV
90
200
mV
See Test Cirucit
*1 Pulse Measurement PW
 350 s, Duty Cycle  2 %
hFE Classification
Rank
R13
Marking
R13
hFE
60 to 150
PACKAGE DIMENSIONS
(Units: mm)
1.25±0.1
2
1
3
Marking
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
2.1±0.1


Similar Part No. - 2SC4885

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4885 RENESAS-2SC4885 Datasheet
201Kb / 14P
SILICON TRANSISTOR
1993
More results

Similar Description - 2SC4885

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com