Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4885 Datasheet(PDF) 8 Page - NEC

Part # 2SC4885
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4885 Datasheet(HTML) 8 Page - NEC

Back Button 2SC4885 Datasheet HTML 4Page - NEC 2SC4885 Datasheet HTML 5Page - NEC 2SC4885 Datasheet HTML 6Page - NEC 2SC4885 Datasheet HTML 7Page - NEC 2SC4885 Datasheet HTML 8Page - NEC 2SC4885 Datasheet HTML 9Page - NEC 2SC4885 Datasheet HTML 10Page - NEC 2SC4885 Datasheet HTML 11Page - NEC 2SC4885 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
2SC4885
S-PARAMETER
(VCE = 1 V, IC = 1 mA, ZO = 50
)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
2100.00
2200.00
2300.00
2400.00
2500.00
2600.00
2700.00
2800.00
2900.00
3000.00
.954
.914
.862
.799
.749
.701
.658
.628
.599
.582
.571
.558
.554
.545
.547
.545
.546
.548
.549
.550
.556
.558
.563
.566
.570
.573
.575
.578
.583
.583
17.7
35.8
52.0
69.5
84.0
98.0
111.6
122.1
132.6
141.4
149.4
157.2
163.5
169.9
176.0
178.6
173.2
168.4
164.0
159.2
155.1
150.9
147.0
143.2
139.5
136.1
132.5
129.1
125.7
122.4
1.929
1.909
1.776
1.819
1.707
1.626
1.577
1.464
1.391
1.320
1.239
1.183
1.118
1.068
1.022
.979
.939
.899
.865
.838
.808
.782
.757
.733
.713
.694
.677
.661
.643
.630
160.5
144.6
130.9
119.1
109.0
99.3
90.6
83.0
76.2
70.2
64.5
59.4
54.4
50.0
46.0
42.1
38.4
34.9
31.9
29.0
26.1
23.3
20.9
18.8
16.7
14.9
13.2
11.7
10.2
9.0
.059
.108
.146
.170
.188
.198
.204
.207
.207
.207
.206
.203
.201
.198
.196
.194
.193
.192
.194
.196
.200
.205
.212
.219
.229
.240
.252
.264
.278
.293
76.3
63.2
51.8
44.0
36.7
31.9
27.2
23.9
21.6
19.3
18.0
17.2
16.7
16.9
17.3
18.1
19.7
21.1
23.0
24.9
27.0
29.1
31.0
32.4
33.5
34.8
35.5
36.3
36.5
36.6
.976
.920
.853
.783
.727
.678
.642
.612
.588
.569
.559
.543
.534
.526
.520
.517
.512
.512
.511
.507
.508
.505
.507
.508
.511
.511
.511
.512
.515
.517
11.1
21.1
29.4
35.7
40.8
44.9
48.6
51.8
55.2
58.3
61.3
64.2
67.6
70.7
74.4
77.7
81.2
84.8
88.6
92.3
96.0
100.3
103.9
107.8
111.9
115.7
119.7
123.5
127.4
131.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com