Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4257 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP4257
Description  50 廓 SPDT Absorptive CMOS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4257 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP4257 Datasheet HTML 1Page - SIPAT Co,Ltd SP4257 Datasheet HTML 2Page - SIPAT Co,Ltd SP4257 Datasheet HTML 3Page - SIPAT Co,Ltd SP4257 Datasheet HTML 4Page - SIPAT Co,Ltd SP4257 Datasheet HTML 5Page - SIPAT Co,Ltd SP4257 Datasheet HTML 6Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
20-Lead 4x4 mm QFN
The SP4257 is a high-isolation CMOS Switch designed
for wireless applications, covering a broad frequency range
from near DC up to 3000 MHz. This single-supply SPDT
switch integrates a two-pin CMOS control interface. It also
provides low insertion loss with extremely low bias
requirements while operating on a single 3-volt supply. In a
typical wireless application, the SP4257 provides
unprecedented isolation and integration.
The SP4257 is manufactured on SIPAT’s CMOS
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω SPDT Absorptive CMOS
DC – 3.0 GHz RF Switch
Product Description
Figure 1. Functional Diagram
SP4257
Features
• 50 Ω characteristic impedance
• Integrated 50 Ω 0.25 watt terminations
• High input IP3 > +55 dBm
• High isolation 64 dB at 1000 MHz
• Low insertion loss: typically 0.75 dB
at 1000 MHz and 0.95 dB at 2000 MHz
• LV CMOS two-pin control
• Single +3 volt supply operation
• Low current consumption: 8 µA
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Frequency1
DC
3000
MHz
Insertion Loss
1000 MHz
2000 MHz
3000 MHz
0.75
0.95
1.2
0.95
1.15
1.4
dB
Isolation Input to Output
1000 MHz
2000 MHz
3000 MHz
61
46
40
64
50
44
dB
Isolation Output to Output
1000 MHz
2000 MHz
3000 MHz
57
54
42
63
60
48
dB
Input IP2
5 MHz - 1000 MHz
80
dBm
Input IP3
5 MHz - 1000 MHz
50
55
dBm
Input 1dB Compression2
1000 MHz
29
31
dBm
Switching Time
50% CTRL to 10 / 90 RF
2
µs
Video Feedthrough3
5 MHz - 1000 MHz
15
mVpp
Notes: 1. Device linearity will begin to degrade below 5 MHz.
2. Note Absolute Maximum ratings in Table 3.
3. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth
Figure 2. Package Type
Table 1. Electrical Specifications @ +25 °C, VDD = 3.0 V (ZS = ZL = 50 Ω)
RF1
RF2
50
Ω
50
Ω
CMOS
Control
Driver
ESD
ESD
50
Ω
RFC
CTRL CTRL2
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP4257

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4251 SIPAT-SP4251 Datasheet
557Kb / 8P
SPDT COMS RF Switch
More results

Similar Description - SP4257

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGS-71008 HP-MGS-71008 Datasheet
53Kb / 5P
Absorptive SPDT GaAs MMIC Switch
logo
Honeywell Solid State E...
HRF-SW1000 HONEYWELL-HRF-SW1000 Datasheet
65Kb / 6P
SPDT Absorptive RF Switch
HRF-SW1001 HONEYWELL-HRF-SW1001 Datasheet
64Kb / 6P
SPDT Absorptive RF Switch
logo
M/A-COM Technology Solu...
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
202Kb / 5P
GaAs SPDT Switch, Absorptive
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
145Kb / 4P
GaAs SPDT Absorptive Switch
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257_14 Datasheet
869Kb / 7P
50 廓 SPDT Absorptive UltraCMOS?
logo
Peregrine Semiconductor...
PE4257 PEREGRINE-PE4257 Datasheet
300Kb / 7P
50 廓 SPDT Absorptive UltraCMOS
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
High Isolation, Absorptive SPDT Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
Absorptive High Isolation SPDT Switch
logo
Pasternack Enterprises,...
PE71S2041 PASTERNACK-PE71S2041_V01 Datasheet
556Kb / 5P
Absorptive SPDT PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com