Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4257 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP4257
Description  50 廓 SPDT Absorptive CMOS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4257 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP4257 Datasheet HTML 1Page - SIPAT Co,Ltd SP4257 Datasheet HTML 2Page - SIPAT Co,Ltd SP4257 Datasheet HTML 3Page - SIPAT Co,Ltd SP4257 Datasheet HTML 4Page - SIPAT Co,Ltd SP4257 Datasheet HTML 5Page - SIPAT Co,Ltd SP4257 Datasheet HTML 6Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Product Specification
SP4257
Page 4 of 6
Evaluation Kit
The SPDT Switch Evaluation Kit board was designed to
ease customer evaluation of the SP4257 SPDT switch.
The RF common port is connected through a 50
Ω
transmission line to J2. Port 1 and Port 2 are
connected through 50
Ω transmission lines to J1 and
J3. A through transmission line connects SMA
connectors J4 and J5. This transmission line can be
used to estimate the loss of the PCB over the
environmental conditions being evaluated.
The board is constructed of a four metal layer FR4
material with a total thickness of 0.031”. The
transmission lines were designed using a coplanar
waveguide with ground plane (28 mil core, 47.6 mil
width, 30mil gap).
Note the number of vias surrounding the device in the
layout shown in Figure 8. These vias are critical for
obtaining the specified isolation performance for the
device shown in this datasheet.
J6 provides a means for controlling DC and digital
inputs to the device. The provided jumpers short the
package pin to ground for logic low. When the jumper
is removed, the pin is pulled up to VDD for logic high.
When the jumper is in place, 3 µA of current will flow
through the 1 M
Ω pull up resistor. This extra current
should not be attributed to the requirements of the
device.
Figure 8. Evaluation Board Layouts
Figure 9. Evaluation Board Schematic
50 OHM T-Line
50 OHM T-Line
50 OHM T-Line
50 OHM T-Line
1
J5
J5
R1
1M
R1
1M
1
1
3
3
5
5
7
7
2
2
4
4
6
6
8
8
10
10
12
12
14
14
13
13
9
9
11
11
J6
HEADER 7X2
J6
HEADER 7X2
R2
1M
R2
1M
1
J4
J4
1
J3
J3
GND
2
RF1
3
GND
4
GND
5
GND
1
GND
12
GND
11
RF2
13
GND
14
GND
15
U1
PE4255/PE4257/PE42551
U1
PE4255/PE4257/PE42551
C3
DNI
C3
DNI
C2
DNI
C2
DNI
C1
DNI
C1
DNI
1
J2
J2
1
J1
J1
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com