Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4257 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP4257
Description  50 廓 SPDT Absorptive CMOS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4257 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP4257 Datasheet HTML 1Page - SIPAT Co,Ltd SP4257 Datasheet HTML 2Page - SIPAT Co,Ltd SP4257 Datasheet HTML 3Page - SIPAT Co,Ltd SP4257 Datasheet HTML 4Page - SIPAT Co,Ltd SP4257 Datasheet HTML 5Page - SIPAT Co,Ltd SP4257 Datasheet HTML 6Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Product Specification
SP4257
Page 3 of 6
Typical Performance Data @ 25°C (Unless Otherwise Noted)
(50-ohm impedance)
Figure 4. Insertion Loss – Input - Output
Figure 5. RF1 to RF2 Isolation
Figure 6. Isolation – RFC to RF1/RF2
Figure 7. Return Loss
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com