Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4272 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP4272
Description  SPDT Broadband CMOS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4272 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP4272 Datasheet HTML 1Page - SIPAT Co,Ltd SP4272 Datasheet HTML 2Page - SIPAT Co,Ltd SP4272 Datasheet HTML 3Page - SIPAT Co,Ltd SP4272 Datasheet HTML 4Page - SIPAT Co,Ltd SP4272 Datasheet HTML 5Page - SIPAT Co,Ltd SP4272 Datasheet HTML 6Page - SIPAT Co,Ltd SP4272 Datasheet HTML 7Page - SIPAT Co,Ltd SP4272 Datasheet HTML 8Page - SIPAT Co,Ltd SP4272 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
RFC
RF1
RF2
CMOS
Control
Driver
CTRL
V
DD
The SP4272 RF Switch is designed for the TV tuner, PCTV, set
top box, DTV, DVR and general broadband applications. This
device offers industry leading broadband linearity, 1.5 kV ESD
tolerance and a simple CMOS interface. The device offers a
simple alternative solution to pin diode and mechanical relay
switches.
The SP4272 SPDT High Power RF Switch is manufactured on
SIPAT’s CMOS process, a patented variation of
silicon-on-insulator (SOI) technology on a sapphire substrate,
offering the performance of GaAs with the economy and
integration of conventional CMOS.
Product Specification
SPDT Broadband CMOS
DC – 3 GHz RF Switch
Product Description
Figure 1. Functional Diagram
SP4272
Features
• High ESD tolerance of 1.5 kV
• Single-pin CMOS logic control
• Low insertion loss: 0.5 dB at 1000 MHz,
0.6 dB at 2000 MHz
• Isolation of 43 dB at 1000 MHz, 33.5 dB
at 2000 MHz
• Typical input 1 dB compression point of
+32 dBm
• Small 8-lead MSOP package
Notes:
1. Device linearity will begin to degrade below 5 MHz.
2. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth.
3. Measured in a 50
Ω system.
Figure 2. Package Type
Table 1. Electrical Specifications @ +25 °C, VDD = 3 V (ZS = ZL = 75 Ω)
8-lead MSOP
Parameter
Conditions
Min
Typ
Max
Units
Operation Frequency1
DC – 3000
MHz
Insertion Loss
1000 MHz
2000 MHz
0.5
0.6
0.6
0.7
dB
Isolation – RFC to RF1/RF2
1000 MHz
2000 MHz
41
31.5
43
33.5
dB
Isolation – RF1 to RF2
1000 MHz
2000 MHz
41
32
43
34
dB
Return Loss
1000 MHz
2000 MHz
19.5
16
dB
‘ON’ Switching Time3
50% CTRL to 0.1 dB final value, 2 GHz
500
1000
ns
‘OFF’ Switching Time3
50% CTRL to 25 dB isolation, 2 GHz
500
1000
ns
Video Feedthrough2,3
<3
mVpp
Input 1 dB Compression3
1000 MHz
30
32
dBm
Input IP33
1000 MHz, 20 dBm input power
52
dBm
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP4272

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4273 SIPAT-SP4273 Datasheet
624Kb / 10P
SPDT Broadband COMS
SP42742 SIPAT-SP42742 Datasheet
1,010Kb / 5P
75  Terminated, 5 - 2200 MHz SPDT
More results

Similar Description - SP4272

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
logo
SIPAT Co,Ltd
SP4273 SIPAT-SP4273 Datasheet
624Kb / 10P
SPDT Broadband COMS
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
SPDT Broadband UltraCMOS
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
logo
RF Micro Devices
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
Broadband SPDT Switch
RF1602L RFMD-RF1602L Datasheet
645Kb / 8P
Broadband SPDT Switch
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
logo
M/A-COM Technology Solu...
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
logo
California Eastern Labs
CG2163X3 CEL-CG2163X3_17 Datasheet
617Kb / 8P
Broadband SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com