Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4272 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP4272
Description  SPDT Broadband CMOS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4272 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP4272 Datasheet HTML 1Page - SIPAT Co,Ltd SP4272 Datasheet HTML 2Page - SIPAT Co,Ltd SP4272 Datasheet HTML 3Page - SIPAT Co,Ltd SP4272 Datasheet HTML 4Page - SIPAT Co,Ltd SP4272 Datasheet HTML 5Page - SIPAT Co,Ltd SP4272 Datasheet HTML 6Page - SIPAT Co,Ltd SP4272 Datasheet HTML 7Page - SIPAT Co,Ltd SP4272 Datasheet HTML 8Page - SIPAT Co,Ltd SP4272 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
SP4272
Page 3 of 10
Control Voltages
Signal Path
Pin 1 (VDD) = VDD
Pin 2 (CTRL) = High
RFC to RF1
Pin 1 (VDD) = VDD
Pin 2 (CTRL) = Low
RFC to RF2
Table 5. Single-pin Control Logic Truth Table
Table 6. Complementary-pin Control Logic
Truth Table
Control Voltages
Signal Path
Pin 1 (VDD) = Low
Pin 2 (CTRL) = High
RFC to RF1
Pin 1 (VDD) = High
Pin 2 (CTRL) = Low
RFC to RF2
Control Logic Input
The SP4272 is a versatile RF CMOS switch that
supports two operating control modes; single-pin
control mode and complementary-pin control
mode.
Single-pin control mode enables the switch to
operate with a single control pin (pin 2) supporting
a +3-volt CMOS logic input, and requires a
dedicated +3-volt power supply connection (pin 1).
This mode of operation reduces the number of
control lines required and simplifies the switch
control interface typically derived from a CMOS
µProcessor I/O port.
Complementary-pin control mode allows the
switch to operate using complementary control
pins CTRL and VDD (pins 2 & 1), that can be
directly driven by +3-volt CMOS logic or a suitable
µProcessor I/O port. This enables the PE4272 to
operate in positive control voltage mode within the
SP4272 operating limits.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com