Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4272 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP4272
Description  SPDT Broadband CMOS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4272 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP4272 Datasheet HTML 1Page - SIPAT Co,Ltd SP4272 Datasheet HTML 2Page - SIPAT Co,Ltd SP4272 Datasheet HTML 3Page - SIPAT Co,Ltd SP4272 Datasheet HTML 4Page - SIPAT Co,Ltd SP4272 Datasheet HTML 5Page - SIPAT Co,Ltd SP4272 Datasheet HTML 6Page - SIPAT Co,Ltd SP4272 Datasheet HTML 7Page - SIPAT Co,Ltd SP4272 Datasheet HTML 8Page - SIPAT Co,Ltd SP4272 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Product Specification
SP4272
Page 2 of 10
Table 2. Pin Descriptions
Table 4. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this CMOS device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, CMOS
devices are immune to latch-up.
Table 3. Operating Ranges
Note:
4. All RF pins must be DC blocked with an external
series capacitor or held at 0 VDC.
Figure 3. Pin Configuration (Top View)
4272
1
2
3
4
8
7
6
5
V
DD
CTRL
GND
RFC
RF1
GND
GND
RF2
Pin
No.
Pin
Name
Description
1
VDD
Nominal +3 V supply connection.
2
CTRL
CMOS logic level:
High = RFC to RF1 signal path
Low = RFC to RF2 signal path
3
GND
Ground connection. Traces should be
physically short and connected to ground
plane for best performance.
4
RFC
RF Common port.4
5
RF2
RF2 port.4
6
GND
Ground Connection. Traces should be
physically short and connected to ground
plane for best performance.
7
GND
Ground Connection. Traces should be
physically short and connected to ground
plane for best performance.
8
RF1
RF1 port.4
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+
0.3
V
TST
Storage temperature range
-65
150
°C
P
IN
Input power (50
Ω)
34
dBm
VESD
ESD voltage (HBM, ML_STD
883 Method 3015.7)
1500
V
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3 V, CTRL = 3 V)
8
20
µA
Control Voltage High
0.7xVDD
V
Control Voltage Low
0.3xVDD
V
Operating temperature
range
-40
85
°C
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the Operating Ranges table. Exposure to
absolute maximum ratings for extended periods
may affect device reliability.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com