Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4304 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP4304
Description  75 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4304 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP4304 Datasheet HTML 1Page - SIPAT Co,Ltd SP4304 Datasheet HTML 2Page - SIPAT Co,Ltd SP4304 Datasheet HTML 3Page - SIPAT Co,Ltd SP4304 Datasheet HTML 4Page - SIPAT Co,Ltd SP4304 Datasheet HTML 5Page - SIPAT Co,Ltd SP4304 Datasheet HTML 6Page - SIPAT Co,Ltd SP4304 Datasheet HTML 7Page - SIPAT Co,Ltd SP4304 Datasheet HTML 8Page - SIPAT Co,Ltd SP4304 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
The SP4304 is a 75-ohm high-linearity, 6-bit RF Digital Step
Attenuator (DSA) covering a 31.5 dB attenuation range in 0.5
dB steps. The SP4304 provides both a parallel (latched or
direct mode) and serial CMOS control interface, operates on a
single 3-volt supply and maintains high attenuation accuracy
over frequency and temperature. It also has a unique control
interface that allows the user to select an initial attenuation
state at power-up. The SP4304 exhibits very low insertion loss
and low power consumption. This functionality is delivered in a
4x4 mm QFN footprint.
The SP4304 is manufactured on SIPAT’s CMOS
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
75
Ω RF Digital Attenuator
6-bit, 31.5 dB, DC – 2.0 GHz
Product Description
Figure 1. Functional Schematic Diagram
SP4304
Features
• 75 Ω impedance
• Attenuation: 0.5 dB steps to 31.5 dB
• Low distortion for CATV and multi-carrier
applications
• Flexible parallel and serial programming
interfaces
• Unique power-up state selection
• Positive CMOS control logic
• High attenuation accuracy and linearity
over temperature and frequency
• Very low power consumption
• Single-supply operation
• Packaged in a 20 lead 4x4 mm QFN
Table 1. Electrical Specifications @ +25 °C, VDD = 3.0 V, Zo = 75 Ω
Notes: 1. Device Linearity will begin to degrade below 1Mhz
2. Max input rating in Table 3 & Figures on Pages 4 to 6 for data across frequency.
3. Note Absolute Maximum in Table 3.
4. Measured in a 50
Ω system.
Control Logic Interface
Parallel Control
Power-Up Control
Serial Control
RF Input
RF Output
Switched Attenuator Array
6
3
2
Parameter
Test Conditions
Frequency
Minimum
Typical
Maximum
Units
Operation Frequency
DC
2000
MHz
Insertion Loss2
DC
≤ 1.2 GHz
-
1.4
1.8
dB
Attenuation Accuracy
Any Bit or Bit
Combination
DC
≤ 1.2 GHz
-
-
±(0.15 + 4% of attenuation
setting)
dB
1 dB Compression3,4
1 MHz
≤ 1.2 GHz
30
34
-
dBm
Input IP31,2,4
Two-tone inputs up to
+18 dBm
1 MHz
≤ 1.2 GHz
-
52
-
dBm
Return Loss
DC
≤ 1.2 GHz
10
13
-
dB
Switching Speed
50% control to 0.5 dB
of final value
-
-
1
µs
Figure 2. Package Type
4x4 mm 20-Lead QFN
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP4304

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4302 SIPAT-SP4302 Datasheet
867Kb / 10P
50 廓 RF Digital Attenuator
SP4306 SIPAT-SP4306 Datasheet
845Kb / 10P
50 廓 RF Digital Attenuator
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
75 廓 RF Digital Attenuator
SP4308 SIPAT-SP4308 Datasheet
889Kb / 10P
75 廓 RF Digital Attenuator
SP4309 SIPAT-SP4309 Datasheet
675Kb / 8P
50 廓 RF Digital Attenuator
More results

Similar Description - SP4304

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
75 廓 RF Digital Attenuator
SP43404 SIPAT-SP43404 Datasheet
1Mb / 10P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4304 PSEMI-PE4304_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
PE4307 PSEMI-PE4307_14 Datasheet
1Mb / 11P
75廓 RF Digital Attenuator
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
PE43404 PSEMI-PE43404_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
535Kb / 11P
75 廓 RF Digital Attenuator
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
75廓 RF Digital Attenuator
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
75 廓 RF Digital Attenuator
PE43404 PEREGRINE-PE43404 Datasheet
529Kb / 11P
75 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com