Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4304 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP4304
Description  75 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4304 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP4304 Datasheet HTML 1Page - SIPAT Co,Ltd SP4304 Datasheet HTML 2Page - SIPAT Co,Ltd SP4304 Datasheet HTML 3Page - SIPAT Co,Ltd SP4304 Datasheet HTML 4Page - SIPAT Co,Ltd SP4304 Datasheet HTML 5Page - SIPAT Co,Ltd SP4304 Datasheet HTML 6Page - SIPAT Co,Ltd SP4304 Datasheet HTML 7Page - SIPAT Co,Ltd SP4304 Datasheet HTML 8Page - SIPAT Co,Ltd SP4304 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
SP4304
Page 3 of 10
Evaluation Kit
The Digital Attenuator Evaluation Kit board was
designed to ease customer evaluation of the
SP4304 Digital Step Attenuator.
J9 is used in conjunction with the supplied DC cable
to supply VDD, GND, and –VDD. If use of the internal
negative voltage generator is desired, then do not
connect –VDD (Black banana plug). If an external –
VDD is desired, then apply -3V.
J1 should be connected to the parallel port of a PC
with the supplied ribbon cable. The evaluation
software is written to operate the DSA in serial
mode, so Switch 7 (P/S) should be ON with all other
switches off. Using the software, enable or disable
each attenuation setting to the desired combined
attenuation. The software automatically programs
the DSA each time an attenuation state is enabled or
disabled.
To evaluate the Power up options, first disconnect
the parallel ribbon cable from the evaluation board.
The parallel cable must be removed to prevent the
PC parallel port from biasing the control pins to
unknown states. During power up in serial mode (P/
S=1 and LE=0) or in parallel mode with P/S=0 and
LE=1, the default power-up signal attenuation is set
to the value present on the six control bits on the six
parallel data inputs (C0.5 to C16). This allows any
one of the 64 attenuation settings to be specified as
the power-up state.
To power up in Parallel mode (P/S=0) with LE=0, the
control bits are automatically set to one of four
possible values. These four values are selected by
the two power-up control bits, PUP1 and PUP2, as
shown in the Parallel PUP Truth Table (Table 6).
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
Note: Resistors on pins 1 and 3
are required to avoid package
resonance and meet error
specifications over frequency.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com