Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4304 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP4304
Description  75 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4304 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP4304 Datasheet HTML 1Page - SIPAT Co,Ltd SP4304 Datasheet HTML 2Page - SIPAT Co,Ltd SP4304 Datasheet HTML 3Page - SIPAT Co,Ltd SP4304 Datasheet HTML 4Page - SIPAT Co,Ltd SP4304 Datasheet HTML 5Page - SIPAT Co,Ltd SP4304 Datasheet HTML 6Page - SIPAT Co,Ltd SP4304 Datasheet HTML 7Page - SIPAT Co,Ltd SP4304 Datasheet HTML 8Page - SIPAT Co,Ltd SP4304 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Product Specification
SP4304
Page 4 of 10
-35
-30
-25
-20
-15
-10
-5
0
0
400
800
1200
1600
2000
RF Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
400
800
1200
1600
2000
RF Frequency (MHz)
31.5dB
8dB
16dB
0
5
10
15
20
25
30
35
0
400
800
1200
1600
2000
RF Frequency (MHz)
31.5dB
16dB
8dB
4dB
2dB
0.5dB
1dB
-5
-4
-3
-2
-1
0
0
400
800
1200
1600
2000
RF Frequency (MHz)
Typical Performance Data @ 25°C, VDD = 3.0 V (unless otherwise specified)
Figure 7. Attenuation at Major steps
Figure 9. Output Return Loss at Major
Attenuation Steps
Figure 8. Input Return Loss at Major
Attenuation Steps
Figure 6. Insertion Loss
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com