Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4309 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP4309
Description  50 廓 RF Digital Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4309 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP4309 Datasheet HTML 1Page - SIPAT Co,Ltd SP4309 Datasheet HTML 2Page - SIPAT Co,Ltd SP4309 Datasheet HTML 3Page - SIPAT Co,Ltd SP4309 Datasheet HTML 4Page - SIPAT Co,Ltd SP4309 Datasheet HTML 5Page - SIPAT Co,Ltd SP4309 Datasheet HTML 6Page - SIPAT Co,Ltd SP4309 Datasheet HTML 7Page - SIPAT Co,Ltd SP4309 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
SP4309
Page 2 of 8
Exposed
Ground
Paddle
N/C
VDD
N/C
RF1
RF2
N/C
N/C
N/C
N/C
18
17
16
15
14
13
2
3
4
5
6
1
N/C
ACG
ACG
Table 2. Pin Descriptions
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rate specified in Table 4.
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the package
must be grounded for proper device operation.
Figure 3. Pin Configuration (Top View)
Pin No.
Pin Name
Description
1
N/C
No Connect
2
VDD
Power supply pin
3
N/C
No Connect
4
RF1
RF port
5
N/C5
No Connect
6
ACG6
AC Ground connection
7
ACG6
AC Ground connection
8
ACG6
AC Ground connection
9
ACG6
AC Ground connection
10
ACG6
AC Ground connection
11
ACG6
AC Ground connection
12
N/C7
No Connect
13
ACG6
AC Ground connection
14
N/C5
No Connect
15
RF2
RF port
16
N/C5
No Connect
17
N/C5
No Connect
18
N/C5
No Connect
19
C16
Attenuation control bit, 16 dB
20
C8
Attenuation control bit, 8 dB
21
C4
Attenuation control bit, 4 dB
22
C2
Attenuation control bit, 2 dB
23
C1
Attenuation control bit, 1 dB
24
C0.5
Attenuation control bit, 0.5 dB
Paddle
GND
Ground for proper operation
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 4. Absolute Maximum Ratings
Table 3. Operating Ranges
C16
C8
C4
C2
C1
C0.5 Attenuation State
1
1
1
1
1
1
Reference Loss (IL)
1
1
1
1
1
0
0.5 dB
1
1
1
1
0
1
1 dB
1
1
1
0
1
1
2 dB
1
1
0
1
1
1
4 dB
1
0
1
1
1
1
8 dB
0
1
1
1
1
1
16 dB
0
0
0
0
0
0
31.5 dB
Table 6. Truth Table
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
6.0
V
VI
Voltage on any DC input
-0.3
6.0
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
P
IN
Input power (50
Ω)
30
dBm
VESD
ESD voltage (Human Body
Model)
2000
V
Parameter
Min
Typ
Max
Units
VDD Power Supply
Voltage
3.0
3.3
5.5
V
IDD Power Supply
Current
100
250
µA
P
IN
Input power (50
Ω)
+24
dBm
Table 5. Control Voltage
State
Bias Condition
Low
0 to +1.0 Vdc at 2
µA (typ)
High
+2.0 to +5 Vdc at 10
µA (typ)
Notes: 5. For improved RF performance these No Connect pins can
be connected to RF ground.
6. Pins can either be grounded directly or through coupling
capacitors
7. Pin can either be grounded or No Connect
The standard 3V or 5V CMOS control logic is
independent of supply voltage.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com