Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4309 Datasheet(PDF) 6 Page - SIPAT Co,Ltd

Part # SP4309
Description  50 廓 RF Digital Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4309 Datasheet(HTML) 6 Page - SIPAT Co,Ltd

  SP4309 Datasheet HTML 1Page - SIPAT Co,Ltd SP4309 Datasheet HTML 2Page - SIPAT Co,Ltd SP4309 Datasheet HTML 3Page - SIPAT Co,Ltd SP4309 Datasheet HTML 4Page - SIPAT Co,Ltd SP4309 Datasheet HTML 5Page - SIPAT Co,Ltd SP4309 Datasheet HTML 6Page - SIPAT Co,Ltd SP4309 Datasheet HTML 7Page - SIPAT Co,Ltd SP4309 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
SP4309
Page 6 of 9
Typical Performance Data
Figure 11. Attenuation Error Vs. Frequency
31.5 dB
8 dB
16 dB
Figure 13. Attenuation Error vs. Setting:
High Frequency
Figure 12. Attenuation Error vs. Setting:
Low Frequency
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com