Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4309 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP4309
Description  50 廓 RF Digital Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4309 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP4309 Datasheet HTML 1Page - SIPAT Co,Ltd SP4309 Datasheet HTML 2Page - SIPAT Co,Ltd SP4309 Datasheet HTML 3Page - SIPAT Co,Ltd SP4309 Datasheet HTML 4Page - SIPAT Co,Ltd SP4309 Datasheet HTML 5Page - SIPAT Co,Ltd SP4309 Datasheet HTML 6Page - SIPAT Co,Ltd SP4309 Datasheet HTML 7Page - SIPAT Co,Ltd SP4309 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
SP4309
Page 3 of 8
Figure 4. Test Circuit Block Diagram
C16
C8
C4
C2
C1
C0.5
VDD
VDD
Z=50 Ohm
Z=50 Ohm
ECT BP050-0024UJ03 4x4
MLP 24 Ld Socket
R1
0 OHM
R1
0 OHM
J2
SMASM
J2
SMASM
1
J3
SMASM
J3
SMASM
1
R4
DNI
R4
DNI
C4
100pF
C4
100pF
J1
CWN-350-14-0000
J1
CWN-350-14-0000
DB1
1
GND
2
DB2
3
GND
4
DB3
5
GND
6
DB4
7
GND
8
DB5
9
GND
10
DB6
11
GND
12
DB7
13
GND
14
C3
100pF
C3
100pF
C2
100pF
C2
100pF
C1
0.1µF
C1
0.1µF
U1
MLPQ4X4_24L
U1
MLPQ4X4_24L
NC
1
VDD
2
NC
3
RF1
4
NC
5
ACG
6
ACG
13
NC
14
RF2
15
NC
16
NC
17
NC
18
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com