Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5012 Datasheet(PDF) 3 Page - NEC

Part # 2SC5012
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5012 Datasheet(HTML) 3 Page - NEC

  2SC5012 Datasheet HTML 1Page - NEC 2SC5012 Datasheet HTML 2Page - NEC 2SC5012 Datasheet HTML 3Page - NEC 2SC5012 Datasheet HTML 4Page - NEC 2SC5012 Datasheet HTML 5Page - NEC 2SC5012 Datasheet HTML 6Page - NEC 2SC5012 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5012
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
50
VBE - Base to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
30
VCE - Collector to Emitter Voltage - V
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC - Collector Current - mA
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
IC - Collector Current - mA
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
1
IC - Collector Current - mA
200
100
50
100
150
0
0.5
1.0
0
40
30
20
10
VCE = 8 V
20
10
2
8
12
0
500
200
1
100
10
20
50
10
100
VCE = 8 V
10
8
1
6
0
2
4
5
10
50
100
VCE = 8 V
f = 1 GHz
20
0
10
5
10
50
100
VCE = 8 V
f = 1 GHz
4
6
10
2
A
µ
160 A
µ
140 A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
20 A
µ
IB = 200
180
2
20
20
A
µ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com