Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5012 Datasheet(PDF) 6 Page - NEC

Part # 2SC5012
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5012 Datasheet(HTML) 6 Page - NEC

  2SC5012 Datasheet HTML 1Page - NEC 2SC5012 Datasheet HTML 2Page - NEC 2SC5012 Datasheet HTML 3Page - NEC 2SC5012 Datasheet HTML 4Page - NEC 2SC5012 Datasheet HTML 5Page - NEC 2SC5012 Datasheet HTML 6Page - NEC 2SC5012 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SC5012
6
S-PARAMETER
VCE = 3 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.887
–22.8
9.939
164.2
.024
78.7
.973
–9.8
200.00
.836
–44.6
9.201
149.5
.044
67.2
.912
–18.1
300.00
.782
–63.0
8.316
137.2
.060
57.2
.847
–25.2
400.00
.724
–79.7
7.309
127.1
.068
52.2
.772
–29.6
500.00
.666
–95.1
6.543
117.6
.078
47.5
.697
–34.0
600.00
.642
–107.2
5.870
110.6
.086
40.1
.640
–36.8
700.00
.610
–119.1
5.313
104.0
.091
36.8
.607
–38.3
800.00
.592
–128.2
4.760
98.2
.092
36.4
.563
–40.8
900.00
.579
–137.4
4.349
93.5
.094
34.7
.535
–42.0
1000.00
.563
–145.9
4.007
88.5
.096
32.8
.510
–42.4
1100.00
.556
–153.1
3.677
84.4
.100
32.5
.488
–43.9
1200.00
.546
–158.5
3.364
80.6
.099
32.1
.475
–46.0
1300.00
.545
–165.0
3.157
76.9
.103
33.0
.452
–47.0
1400.00
.544
–169.5
2.960
73.6
.100
32.3
.449
–49.1
1500.00
.543
–176.2
2.775
69.9
.103
30.6
.427
–50.0
1600.00
.552
–179.9
2.605
66.8
.104
32.8
.424
–51.1
1700.00
.561
175.7
2.487
63.7
.105
32.6
.414
–52.3
1800.00
.561
171.1
2.349
60.9
.113
32.6
.411
–55.0
1900.00
.561
168.6
2.237
58.4
.111
32.9
.406
–57.3
2000.00
.580
164.0
2.138
55.0
.120
33.7
.397
–60.1
2100.00
.569
159.2
2.032
51.3
.114
33.3
.403
–62.3
2200.00
.572
156.0
1.936
48.1
.119
34.7
.395
–64.7
2300.00
.574
152.8
1.860
46.0
.121
34.6
.386
–66.2
2400.00
.580
150.6
1.797
43.5
.117
37.4
.382
–67.8
2500.00
.594
147.6
1.727
40.2
.126
35.5
.382
–71.4
2600.00
.596
144.7
1.668
38.4
.132
36.2
.371
–71.6
2700.00
.604
142.5
1.612
36.6
.129
38.1
.373
–76.4
2800.00
.584
140.3
1.567
33.1
.137
38.3
.378
–78.8
2900.00
.603
138.6
1.506
31.9
.135
36.4
.379
–79.6
3000.00
.594
135.0
1.432
28.6
.147
37.3
.380
–84.5
VCE = 3 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.968
–14.4
3.598
169.7
.025
77.5
.987
–4.9
200.00
.942
–29.1
3.497
159.2
.047
75.0
.971
–9.9
300.00
.918
–42.4
3.370
149.6
.072
65.0
.952
–14.3
400.00
.882
–55.8
3.169
140.6
.085
57.8
.918
–18.4
500.00
.838
–68.1
3.015
131.3
.101
51.5
.882
–22.2
600.00
.825
–79.9
2.850
124.0
.114
46.3
.848
–25.2
700.00
.789
–90.8
2.702
116.6
.122
41.6
.823
–28.0
800.00
.770
–100.8
2.505
109.4
.132
35.5
.788
–31.1
900.00
.740
–109.9
2.352
103.7
.138
31.4
.757
–32.8
1000.00
.722
–119.0
2.225
97.6
.138
26.9
.747
–34.8
1100.00
.703
–127.3
2.077
92.5
.139
25.8
.720
–37.2
1200.00
.692
–134.3
1.930
87.2
.144
23.0
.703
–39.2
1300.00
.678
–142.1
1.831
82.6
.146
18.7
.682
–40.6
1400.00
.674
–147.6
1.740
78.2
.141
17.1
.681
–43.0
1500.00
.662
–154.5
1.644
73.7
.137
15.1
.655
–45.1
1600.00
.665
–160.7
1.552
69.6
.136
13.0
.644
–46.6
1700.00
.673
–166.6
1.502
66.0
.137
12.0
.640
–48.4
1800.00
.666
–171.6
1.420
61.9
.136
10.0
.641
–51.1
1900.00
.667
–175.3
1.360
59.0
.128
10.0
.629
–53.3
2000.00
.677
179.3
1.301
55.1
.124
8.6
.626
–55.5
2100.00
.671
173.9
1.245
50.8
.122
9.4
.616
–58.8
2200.00
.673
169.5
1.182
46.7
.116
7.5
.618
–60.9
2300.00
.673
166.2
1.145
44.5
.118
11.5
.613
–63.4
2400.00
.669
162.5
1.098
42.0
.107
8.2
.607
–65.8
2500.00
.683
159.6
1.057
38.1
.106
13.2
.603
–69.0
2600.00
.689
155.6
1.030
35.7
.106
14.1
.596
–69.5
2700.00
.695
152.4
.986
33.7
.108
18.2
.599
–72.9
2800.00
.675
149.7
.965
29.9
.101
16.0
.613
–77.4
2900.00
.687
146.9
.929
28.8
.099
16.1
.600
–77.8
3000.00
.674
143.3
.884
24.9
.109
18.0
.600
–81.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com