Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5012 Datasheet(PDF) 1 Page - NEC

Part # 2SC5012
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5012 Datasheet(HTML) 1 Page - NEC

  2SC5012 Datasheet HTML 1Page - NEC 2SC5012 Datasheet HTML 2Page - NEC 2SC5012 Datasheet HTML 3Page - NEC 2SC5012 Datasheet HTML 4Page - NEC 2SC5012 Datasheet HTML 5Page - NEC 2SC5012 Datasheet HTML 6Page - NEC 2SC5012 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©
1993
DATA SHEET
SILICON TRANSISTOR
Document No. P10400EJ2V0DS00 (2nd edition)
(Previous No. TD-2412)
Date Published July 1995 P
Printed in Japan
2SC5012
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
4 PINS SUPER MINI MOLD
FEATURES
•
Small Package
•
High Gain Bandwidth Product (fT = 9 GHz TYP.)
•
Low Noise, High Gain
•
Low Voltage Operation
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC5012-T1
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin 3 (Base), Pin 4 (Emitter) face to
perforation side of the tape.
2SC5012-T2
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin1 (Collector), Pin2 (Emitter) face
to perforation side of the tape.
*
Please contact with responsible NEC person, if you require
evaluation sample. Unit sample quantity shall be 50 pcs.
(Part No.: 2SC5012)
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
65
mA
Total Power Dissipation
PT
150
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
PACKAGE DIMENSIONS
in millimeters
Caution; Electrostatic Sensitive Device.
2.1 ± 0.2
1.25 ± 0.1
0.3
(LEADS 2, 3, 4)
1
4
+0.1
–0.05
0.4
+0.1
–0.05
0 to 0.1
0.15
+0.1
–0.05
2
3
PIN CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter


Similar Part No. - 2SC5012

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5012 ISC-2SC5012 Datasheet
272Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
logo
Renesas Technology Corp
2SC5012 RENESAS-2SC5012 Datasheet
189Kb / 9P
NPN SILICON RF TRANSISTOR
2004
2SC5012-T1 RENESAS-2SC5012-T1 Datasheet
189Kb / 9P
NPN SILICON RF TRANSISTOR
2004
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results

Similar Description - 2SC5012

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5014 NEC-2SC5014 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com