Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZX2V7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TZX2V7
Description  500mW EPITAXIAL PLANAR ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TZX2V7 Datasheet(HTML) 1 Page - Diodes Incorporated

  TZX2V7 Datasheet HTML 1Page - Diodes Incorporated TZX2V7 Datasheet HTML 2Page - Diodes Incorporated TZX2V7 Datasheet HTML 3Page - Diodes Incorporated TZX2V7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D
S30089 Rev. 1P-5
1 of 4
TZX2V4 - TZX36C
TZX2V4 - TZX36C
500mW EPITAXIAL PLANAR ZENER DIODE
·
Planar Die Construction
·
500mW Power Dissipation on FR-4 PCB
·
General Purpose, Medium Current
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Zener Current (See Table on page 2)
¾¾¾
Forward Voltage
@ IF = 200mA
VF
1.5
V
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
300
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Notes:
1. Valid provided that leads are kept at ambient temperature.
2. Tested with pulses, t
£ 1.0ms.
·
Case: DO-35, Glass
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Marking: Type Number
·
Polarity: Cathode Band
·
Weight: 0.35 grams (approx.)
Mechanical Data
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm


Similar Part No. - TZX2V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZX2V7 VISHAY-TZX2V7 Datasheet
95Kb / 7P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Micro Commercial Compon...
TZX2V7 MCC-TZX2V7 Datasheet
293Kb / 7P
500mW Silicon Zener Diodes
logo
Vishay Siliconix
TZX2V7A VISHAY-TZX2V7A Datasheet
95Kb / 7P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
TZX2V7A VISHAY-TZX2V7A Datasheet
139Kb / 8P
Small Signal Zener Diodes
27-Mar-07
TZX2V7A VISHAY-TZX2V7A Datasheet
100Kb / 7P
Small Signal Zener Diodes
22-Nov-11
More results

Similar Description - TZX2V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
logo
Comchip Technology
1N5221B COMCHIP-1N5221B Datasheet
32Kb / 2P
500mw Epitaxial Zener Diode
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
500mW Zener Diode
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
500mW EPITAXIAL ZENER DIODE
GDZJ2 DIOTECH-GDZJ2 Datasheet
1Mb / 5P
500mW EPITAXIAL ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
500mW ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
500mW EPITAXIAL ZENER DIODE
Rev 17
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
500mW EPITAXIAL ZENER DIODE
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
500mW ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com