Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZX2V7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # TZX2V7
Description  500mW EPITAXIAL PLANAR ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TZX2V7 Datasheet(HTML) 4 Page - Diodes Incorporated

  TZX2V7 Datasheet HTML 1Page - Diodes Incorporated TZX2V7 Datasheet HTML 2Page - Diodes Incorporated TZX2V7 Datasheet HTML 3Page - Diodes Incorporated TZX2V7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
S30089 Rev. 1P-5
4 of 4
TZX2V4 - TZX36C
Type
Number
Zener Voltage Range (Note 2)
Test Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ @IZT
IZT
ZZT @ IZT
IR
@VR
Min (V)
Max (V)
mA
WmA
V
TZX14
13.2
14.3
5.0
35
1.0
11
TZX14A
13.2
13.7
5.0
35
1.0
11
TZX14B
13.5
14.0
5.0
35
1.0
11
TZX14C
13.8
14.3
5.0
35
1.0
11
TZX15
14.1
15.5
5.0
40
1.0
11.5
TZX15A
14.1
14.7
5.0
40
1.0
11.5
TZX15B
14.5
15.1
5.0
40
1.0
11.5
TZX15C
14.9
15.5
5.0
40
1.0
11.5
TZX16
15.3
17.1
5.0
45
1.0
12
TZX16A
15.3
15.9
5.0
45
1.0
12
TZX16B
15.7
16.5
5.0
45
1.0
12
TZX16C
16.3
17.1
5.0
45
1.0
12
TZX18
16.9
19.0
5.0
55
1.0
13
TZX18A
16.9
17.7
5.0
55
1.0
13
TZX18B
17.5
18.3
5.0
55
1.0
13
TZX18C
18.1
19.0
5.0
55
1.0
13
TZX20
18.8
21.2
2.0
60
1.0
15
TZX20A
18.8
19.7
2.0
60
1.0
15
TZX20B
19.5
20.4
2.0
60
1.0
15
TZX20C
20.2
21.2
2.0
60
1.0
15
TZX22
20.9
23.3
2.0
65
1.0
17
TZX22A
20.9
21.9
2.0
65
1.0
17
TZX22B
21.6
22.6
2.0
65
1.0
17
TZX22C
22.3
23.3
2.0
65
1.0
17
TZX24
22.9
25.5
2.0
70
1.0
19
TZX24A
22.9
24.0
2.0
70
1.0
19
TZX24B
23.6
24.7
2.0
70
1.0
19
TZX24C
24.3
25.5
2.0
70
1.0
19
TZX27
25.2
28.6
2.0
80
1.0
21
TZX27A
25.2
26.6
2.0
80
1.0
21
TZX27B
26.2
27.6
2.0
80
1.0
21
TZX27C
27.2
28.6
2.0
80
1.0
21
TZX30
28.2
31.6
2.0
100
1.0
23
TZX30A
28.2
29.6
2.0
100
1.0
23
TZX30B
29.2
30.6
2.0
100
1.0
23
TZX30C
30.2
31.6
2.0
100
1.0
23
TZX33
31.2
34.5
2.0
120
1.0
25
TZX33A
31.2
32.6
2.0
120
1.0
25
TZX33B
32.2
33.6
2.0
120
1.0
25
TZX33C
33.2
34.5
2.0
120
1.0
25
TZX36
34.2
38.0
2.0
140
1.0
27
TZX36A
34.2
35.7
2.0
140
1.0
27
TZX36B
35.3
36.8
2.0
140
1.0
27
TZX36C
26.4
38.0
2.0
140
1.0
27
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t
£ 1.0ms.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com