Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZX2V7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # TZX2V7
Description  500mW EPITAXIAL PLANAR ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TZX2V7 Datasheet(HTML) 3 Page - Diodes Incorporated

  TZX2V7 Datasheet HTML 1Page - Diodes Incorporated TZX2V7 Datasheet HTML 2Page - Diodes Incorporated TZX2V7 Datasheet HTML 3Page - Diodes Incorporated TZX2V7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D
S30089 Rev. 1P-5
3 of 4
TZX2V4 - TZX36C
Type
Number
Zener Voltage Range (Note 2)
Test Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ @IZT
IZT
ZZT @ IZT
IR
@VR
Min (V)
Max (V)
mA
WmA
V
TZX6V2
5.7
6.6
5.0
15
1.0
3.0
TZX6V2A
5.7
6.0
5.0
15
1.0
3.0
TZX6V2B
5.9
6.1
5.0
15
1.0
3.0
TZX6V2C
6.0
6.3
5.0
15
1.0
3.0
TZX6V2D
6.1
6.4
5.0
15
1.0
3.0
TZX6V2E
6.3
6.6
5.0
15
1.0
3.0
TZX6V8
6.4
7.2
5.0
15
1.0
3.5
TZX6V8A
6.4
6.7
5.0
15
1.0
3.5
TZX6V8B
6.6
6.9
5.0
15
1.0
3.5
TZX6V8C
6.7
7.0
5.0
15
1.0
3.5
TZX6V8D
6.9
7.2
5.0
15
1.0
3.5
TZX7V5
7.0
7.9
5.0
15
1.0
5.0
TZX7V5A
7.0
7.3
5.0
15
1.0
5.0
TZX7V5B
7.2
7.6
5.0
15
1.0
5.0
TZX7V5C
7.3
7.7
5.0
15
1.0
5.0
TZX7V5D
7.5
7.9
5.0
15
1.0
5.0
TZX8V2
7.7
8.7
5.0
20
1.0
6.2
TZX8V2A
7.7
8.1
5.0
20
1.0
6.2
TZX8V2B
7.9
8.3
5.0
20
1.0
6.2
TZX8V2C
8.1
8.5
5.0
20
1.0
6.2
TZX8V2D
8.3
8.7
5.0
20
1.0
6.2
TZX9V1
8.5
9.7
5.0
20
1.0
6.8
TZX9V1A
8.5
8.9
5.0
20
1.0
6.8
TZX9V1B
8.7
9.1
5.0
20
1.0
6.8
TZX9V1C
8.9
9.3
5.0
20
1.0
6.8
TZX9V1D
9.1
9.5
5.0
20
1.0
6.8
TZX9V1E
9.3
9.7
5.0
20
1.0
6.8
TZX10
9.5
10.6
5.0
25
1.0
7.5
TZX10A
9.5
9.9
5.0
25
1.0
7.5
TZX10B
9.7
10.1
5.0
25
1.0
7.5
TZX10C
9.9
10.3
5.0
25
1.0
7.5
TZX10D
10.2
10.6
5.0
25
1.0
7.5
TZX11
10.4
11.6
5.0
25
1.0
8.2
TZX11A
10.4
10.8
5.0
25
1.0
8.2
TZX11B
10.7
11.1
5.0
25
1.0
8.2
TZX11C
10.9
11.3
5.0
25
1.0
8.2
TZX11D
11.1
11.6
5.0
25
1.0
8.2
TZX12
11.4
12.7
5.0
35
1.0
9.5
TZX12A
11.4
11.9
5.0
35
1.0
9.5
TZX12B
11.6
12.1
5.0
35
1.0
9.5
TZX12C
11.9
12.4
5.0
35
1.0
9.5
TZX12D
12.2
12.7
5.0
35
1.0
9.5
TZX13
12.4
13.4
5.0
35
1.0
10
TZX13A
12.4
12.9
5.0
35
1.0
10
TZX13B
12.6
13.1
5.0
35
1.0
10
TZX13C
12.9
13.4
5.0
35
1.0
10
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t
£ 1.0ms.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com