Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5178 Datasheet(PDF) 3 Page - NEC

Part # 2SC5178
Description  NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5178 Datasheet(HTML) 3 Page - NEC

  2SC5178 Datasheet HTML 1Page - NEC 2SC5178 Datasheet HTML 2Page - NEC 2SC5178 Datasheet HTML 3Page - NEC 2SC5178 Datasheet HTML 4Page - NEC 2SC5178 Datasheet HTML 5Page - NEC 2SC5178 Datasheet HTML 6Page - NEC 2SC5178 Datasheet HTML 7Page - NEC 2SC5178 Datasheet HTML 8Page - NEC 2SC5178 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2SC5178
3
CHARACTERISTICS CURVES (TA = 25
°C)
TA – Ambient Temperature – °C
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
VCE – Collector to Emitter Voltage – V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VBE – Base to Emitter Voltage – V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
100
200
0
50
100
150
50
40
30
20
10
0
0.5
1.0
25
20
15
10
5
0
1.0
2.0
3.0
A
µ
200
A
µ
180
A
µ
160
A
µ
140
A
µ
120
A
µ
100
A
µ
80
A
µ
60
A
µ
40
A
µ
20
IB =
VCE = 2 V
30 mW
IC – Collector Current – mA
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
IC – Collector Current – mA
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
VCE = 1 V
2 V
18
16
14
12
10
8
6
4
1
2
5
10
f = 2 GHz
14
12
10
8
6
4
1
2
5
10
f = 2 GHz
VCE = 1 V
2 V
IC – Collector Current – mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
500
200
100
10
20
50
1
2
5
10
20
50
100
VCE = 1 V
VCE = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com