Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5178 Datasheet(PDF) 5 Page - NEC

Part # 2SC5178
Description  NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5178 Datasheet(HTML) 5 Page - NEC

  2SC5178 Datasheet HTML 1Page - NEC 2SC5178 Datasheet HTML 2Page - NEC 2SC5178 Datasheet HTML 3Page - NEC 2SC5178 Datasheet HTML 4Page - NEC 2SC5178 Datasheet HTML 5Page - NEC 2SC5178 Datasheet HTML 6Page - NEC 2SC5178 Datasheet HTML 7Page - NEC 2SC5178 Datasheet HTML 8Page - NEC 2SC5178 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2SC5178
5
S-PARAMETER
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
ANG
–6.9
–13.5
–20.5
–27.6
–34.5
–40.8
–47.5
–52.4
–60.3
–64.6
–70.9
–77.0
–83.0
–88.0
–99.2
ANG
–9.5
–19.1
–28.3
–38.2
–48.3
–59.2
–69.1
–77.4
–87.9
–97.7
–110.8
–123.4
–135.0
–154.3
–174.4
MAG
0.989
0.972
0.941
0.917
0.890
0.842
0.769
0.729
0.675
0.634
0.582
0.530
0.496
0.452
0.461
ANG
77.0
76.5
68.1
63.3
54.1
53.5
45.2
37.7
31.8
31.7
24.9
18.9
14.2
14.6
10.0
MAG
3.362
3.305
3.251
3.204
3.113
3.032
2.892
2.719
2.626
2.484
2.345
2.255
2.169
2.015
1.982
MAG
0.026
0.061
0.084
0.106
0.150
0.170
0.178
0.195
0.213
0.223
0.233
0.238
0.249
0.254
0.239
MAG
0.954
0.933
0.902
0.855
0.798
0.739
0.667
0.597
0.519
0.472
0.413
0.365
0.306
0.280
0.259
ANG
168.9
158.2
148.3
137.6
126.9
116.5
107.3
96.6
88.5
80.5
72.8
64.6
58.1
51.3
44.3
(MHz)
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
ANG
–11.6
–22.2
–30.8
–38.1
–45.4
–49.8
–54.3
–60.1
–66.0
–69.6
–75.8
–76.7
–85.6
–92.0
–99.7
ANG
–16.5
–31.1
–45.0
–56.7
–69.1
–80.2
–90.7
–100.1
–114.0
–125.8
–142.7
–168.6
162.2
148.5
127.6
MAG
0.968
0.899
0.816
0.727
0.673
0.600
0.537
0.496
0.437
0.419
0.374
0.333
0.304
0.284
0.287
ANG
68.5
72.2
64.4
53.7
53.5
52.5
47.1
41.7
40.1
34.6
33.4
30.6
28.2
29.8
24.2
MAG
8.193
7.559
6.833
6.147
5.496
4.936
4.427
3.975
3.672
3.347
3.066
2.893
2.715
2.530
2.438
MAG
0.030
0.054
0.075
0.095
0.115
0.120
0.140
0.141
0.163
0.181
0.176
0.199
0.202
0.214
0.218
MAG
0.878
0.789
0.694
0.589
0.501
0.423
0.340
0.280
0.221
0.196
0.157
0.160
0.135
0.181
0.204
ANG
161.7
145.1
130.9
118.1
106.8
96.9
88.7
80.0
73.1
66.4
60.4
53.8
48.4
42.5
36.8
(MHz)
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com