Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5178 Datasheet(PDF) 8 Page - NEC

Part # 2SC5178
Description  NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5178 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5178 Datasheet HTML 4Page - NEC 2SC5178 Datasheet HTML 5Page - NEC 2SC5178 Datasheet HTML 6Page - NEC 2SC5178 Datasheet HTML 7Page - NEC 2SC5178 Datasheet HTML 8Page - NEC 2SC5178 Datasheet HTML 9Page - NEC 2SC5178 Datasheet HTML 10Page - NEC 2SC5178 Datasheet HTML 11Page - NEC 2SC5178 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC5178
8
VCE = 2 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
ANG
–12.9
–23.3
–31.0
–37.1
–42.0
–46.1
–48.7
–52.0
–55.2
–60.2
–64.4
–69.5
–76.1
–77.7
–86.6
ANG
–18.8
–35.7
–47.4
–59.2
–68.4
–78.3
–86.5
–94.3
–110.4
–120.7
–143.0
–174.9
149.7
125.6
116.1
MAG
0.945
0.862
0.760
0.673
0.612
0.559
0.496
0.460
0.417
0.403
0.368
0.329
0.307
0.296
0.276
ANG
89.7
66.9
68.2
58.5
56.1
52.1
53.7
48.5
49.4
43.7
40.5
40.7
35.9
37.7
32.4
MAG
0.026
0.044
0.061
0.082
0.102
0.101
0.119
0.134
0.147
0.145
0.168
0.186
0.196
0.201
0.237
MAG
0.802
0.700
0.588
0.483
0.387
0.308
0.258
0.193
0.139
0.116
0.075
0.094
0.086
0.131
0.164
ANG
157.7
138.7
124.1
111.5
100.9
92.0
84.5
76.8
70.8
64.7
59.1
53.1
48.0
42.8
37.2
(MHz)
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
VCE = 2 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
ANG
–14.3
–24.8
–31.5
–37.0
–40.7
–43.5
–45.0
–48.8
–51.4
–57.7
–60.3
–66.6
–72.3
–74.1
–78.8
ANG
–22.1
–39.0
–50.8
–61.0
–70.4
–78.7
–87.7
–96.9
–108.7
–128.1
–178.5
145.7
122.4
118.8
107.8
MAG
0.925
0.823
0.714
0.639
0.587
0.528
0.487
0.448
0.421
0.397
0.378
0.341
0.321
0.310
0.321
ANG
79.8
66.8
64.8
57.5
58.3
60.1
57.2
53.2
53.1
48.0
45.1
46.8
39.2
36.6
33.2
MAG
0.025
0.042
0.060
0.068
0.086
0.100
0.106
0.118
0.131
0.143
0.166
0.161
0.183
0.197
0.193
MAG
0.754
0.620
0.501
0.376
0.298
0.224
0.177
0.132
0.080
0.058
0.036
0.067
0.104
0.141
0.205
ANG
154.1
133.6
118.7
106.6
96.7
88.5
81.7
74.4
69.0
63.3
57.9
52.8
48.0
43.2
37.7
(MHz)
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
11.437
10.038
8.649
7.480
6.479
5.695
5.044
4.494
4.112
3.746
3.429
3.204
3.040
2.805
2.701
MAG
13.572
11.414
9.431
7.926
6.730
5.860
5.137
4.552
4.145
3.769
3.425
3.217
3.026
2.819
2.735



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com